Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2574BL-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2574BL-R
Description  SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2574BL-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2574BL-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202675G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 6, 2024
3
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This device is ESD sensitive. Handling and assembly of this device should be at ESD protected
workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on VCC
-0.3
5.5
V
EN
DC input on EN
-0.3
4.0
V
TX
RF Input Power. ANT terminated in 50Ω match
-
12.0
dBm
TA
Operating Temperature Range
-40
85
°C
TSTG
Storage Temperature Range
-40
150
°C
ESDHBM
JEDEC JESD22-A114, all pins
1000
V
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Ambient temperature
-40
25
85
°C
VCC
Supply voltage, nominal operation
2.7
3.3
5.0
V
Supply voltage, output power reduced by 2dB
typ
2.3
2.7
DC Electrical Characteristics
Conditions: VCC = 3.3V , EN = 3.3V, TA = 25 °C, as measured on the SE2574BL-R-EK1 evaluation board, all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-G
Total Supply Current
54 Mbps OFDM signal, 64QAM
18dBm, VCC = 3.3V
-
140
-
mA
ICC-B
Total Supply Current
11 Mbps CCK signal, BT = 0.45
20dBm, VCC = 3.3V
-
165
-
mA
ICQ
Total Supply Current
No RF
VCC = 3.3V
-
110
-
mA
ICC_OFF
Total Supply Current
EN = 0 V, No RF Applied
-
1
10
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com