Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2574BL-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2574BL-R
Description  SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2574BL-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2574BL-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET
SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202675G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 6, 2024
4
Logic Characteristics
Conditions: VCC = 3.3V , EN = 3.3V, TA = 25 °C, as measured on the SE2574BL-R-EK1 evaluation board, all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage
(Module On)
-
1.8
-
3.6
V
VENL
Logic Low Voltage
(Module Off)
-
0
-
0.4
V
IENH
Input Current Logic
High Voltage
-
-
160
180
μA
IENL
Input Current Logic
Low Voltage
-
-
20
25
μA
AC Electrical Characteristics
802.11g/n Transmit Characteristics
Conditions: VCC = 3.3V , EN = 3.3V, TA = 25 °C, as measured on the SE2574BL-R-EK1 evaluation board, all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2400
-
2500
MHz
Pout
Output Power, 3.3V
54 Mbps OFDM , 64 QAM, EVM=3%
-
18.5
-
dBm
11Mbps, CCK, BT=0.45, Mask
21
P1dB
P1dB
VCC = 3.3V
-
25.0
-
dBm
S21
Small Signal Gain
-
25
27
29
dB
ΔS21
Small Signal Gain
Variation
Gain variation over single 20MHz
channel
Gain Variation over band
-
-
0.5
-
-
1.1
dB
2f
Harmonics
1 Mbps, BPSK,
20dBm, 3.3V
-
-40
-35
dBm/MHz
3f
20dBm, 3.3V
-
-40
-35
dBm/MHz
tdr, tdf
Delay & rise/fall Time 50 % of VEN edge and 90/10 % of
final output power level
-
0.7
-
μs
S11
Input Return Loss
-
10
15
-
dB
STAB
Stability
CW, POUT = 20 dBm, VCC = 3.3V
0.1 GHz – 20 GHz
Load VSWR = 10:1
All non-harmonically related outputs less
than -42 dBm/MHz
RU
Ruggedness
PIN = 12dBm, VCC = 3.3V
Load VSWR = 10:1
No permanent damage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com