Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2574BL-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2574BL-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2574BL-R
Download  SE2574BL-R Download
File Size   396.95 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier

SE2574BL-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2574BL-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2574BL-R
Download  SE2574BL-R Click to download

File Size   396.95 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier

SE2574BL-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2574BL-R Product details

Applications
 IEEE802.11b DSSS WLAN
 IEEE802.11g,n OFDM WLAN
 Embedded, SiP modules
Features
 Dual Mode IEEE802.11b & IEEE802.11g
 Integrated PA, digital bias control, 50Ω input and output match, 3.2GHz TX Filter.
 Integrated harmonic filter.
 Integrated load insensitive Power Detector, with <1dB error at 2:1 mismatch
 21 dBm Output Power, 802.11b, 11 Mbps
 18.5dBm @ 3.0 % EVM, 802.11g, 54 Mbps
 2.3 V to 4.8 V direct to battery supply
 Lead free, Halogen free, ROHS compliant , 2 x2x0.9 mm QFN package, MSL 1
Product Description
The SE2574BL-R is a complete 802.11 b/g WLAN discrete power amplifier. The device provides all the functionality of the power amplifier, power detector, filter, associated input, inter-stage and output matching in an ultra compact 2mm x 2mm x 0.9mm form factor.
The SE2574BL-R is designed for ease of use, with all the critical input and output matching integrated. The SE2574BL-R includes a transmitter power detector with 20 dB of dynamic range and a digital Enable for power on/off control. Harmonic filters and an input 3.2GHz LO rejection filter are integrated on-chip. The power ramp rise/fall time is 0.7 μs typical.




Similar Part No. - SE2574BL-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2571U-EK1 SIGE-SE2571U-EK1 Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2571U-R SIGE-SE2571U-R Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2576L SKYWORKS-SE2576L Datasheet
385Kb / 9P
SE2576L: 2.4 GHz High Power Wireless LAN Power Amplifier
September 25, 2012
More results


Similar Description - SE2574BL-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com