Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2574BL-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2574BL-R
Description  SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2574BL-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2574BL-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202675G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 6, 2024
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g,n OFDM WLAN
Embedded, SiP modules
Features
Dual Mode IEEE802.11b & IEEE802.11g
Integrated PA, digital bias control, 50Ω input and
output match, 3.2GHz TX Filter.
Integrated harmonic filter.
Integrated load insensitive Power Detector, with
<1dB error at 2:1 mismatch
21 dBm Output Power, 802.11b, 11 Mbps
18.5dBm @ 3.0 % EVM, 802.11g, 54 Mbps
2.3 V to 4.8 V direct to battery supply
Lead free, Halogen free, ROHS compliant ,
2 x2x0.9 mm QFN package, MSL 1
Ordering Information
Part No.
Package
Remark
SE2574BL-R
8 pin QFN
Samples
SE2574BL-R
8 pin QFN
Tape and Reel
SE2574BL-R-
EK1
N/A
Evaluation kit
Product Description
The SE2574BL-R is a complete 802.11 b/g WLAN
discrete power amplifier. The device provides all the
functionality of the power amplifier, power detector,
filter, associated input, inter-stage and output
matching in an ultra compact 2mm x 2mm x 0.9mm
form factor.
The SE2574BL-R is designed for ease of use, with all
the critical input and output matching integrated. The
SE2574BL-R includes a transmitter power detector
with 20 dB of dynamic range and a digital Enable for
power on/off control. Harmonic filters and an input
3.2GHz LO rejection filter are integrated on-chip. The
power ramp rise/fall time is 0.7 μs typical.
Functional Block Diagram
Figure 1: Functional Block Diagram
Pdet
EN
50ohm
Match
VCC
Detector
Bias Circuitry
VCC2
50ohm Match
& harmonic
Filter
3.2GHz
Filter
RF Out
RF IN


Similar Part No. - SE2574BL-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2571U-EK1 SIGE-SE2571U-EK1 Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2571U-R SIGE-SE2571U-R Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2576L SKYWORKS-SE2576L Datasheet
385Kb / 9P
SE2576L: 2.4 GHz High Power Wireless LAN Power Amplifier
September 25, 2012
More results

Similar Description - SE2574BL-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
logo
Tyco Electronics
MAAPSS0075 MACOM-MAAPSS0075 Datasheet
160Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com