Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2574BL-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2574BL-R
Description  SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2574BL-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2574BL-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2574BL-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DATA SHEET
SE2574BL-R: 2.4 GHz 802.11b/g/n Power Amplifier
Skyworks Solutions, Inc. • Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202675G • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 6, 2024
5
Power Detector Characteristics
Conditions: VCC = 3.3V, EN = 3.3V, TA = 25 °C, as measured on the SE2574BL-R-EK1 evaluation board, all
unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
VCC = 3.3V
Unit
Min.
Typ.
Max.
FOUT
Frequency Range
-
2400
-
2500
MHz
PDR
Power detect range, CW
Measured at ANT
0
-
23
dBm
PDZsrc
DC source impedance on
PD_OUT
-
-
1
-
k Ω
PDVNoRF
Output Voltage,
POUT = No RF
Measured into 1MΩ
-
0.10
-
V
PDVp16
Output Voltage,
POUT = 16 dBm CW
Measured into 1MΩ
-
0.50
-
V
PDVp19
Output Voltage,
POUT = 19 dBm CW
Measured into 1MΩ
-
0.70
-
V
PDVp22
Output Voltage,
POUT = 22 dBm CW
Measured into 1MΩ
-
1.0
-
V
LPF-3dB
Power detect low pass filter
-3dB corner frequency
Measured into 1MΩ
2.5
MHz
Figure 3: SE2574BL-R Power Detector Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com