Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC561 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 4 Page - Semtech Corporation

  SC561 Datasheet HTML 1Page - Semtech Corporation SC561 Datasheet HTML 2Page - Semtech Corporation SC561 Datasheet HTML 3Page - Semtech Corporation SC561 Datasheet HTML 4Page - Semtech Corporation SC561 Datasheet HTML 5Page - Semtech Corporation SC561 Datasheet HTML 6Page - Semtech Corporation SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SC561
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Limit
I
LIMx
350
850
mA
Noise
e
N
I
OUTx
= 50mA ,
10Hz < f < 100kHz, C
BYP
= 22nF
50
100(2)
μV
RMS
Power Supply Rejection
Ratio
PSRR
I
OUTx
= 50mA, f = 1kHz,
C
BYP
= 22nF
50(2)
65
dB
PGOOD Delay
t
DELAY
160
200
240
ms
PGOOD Threshold
V
TH-PGOOD
Percentage of nominal output,
V
OUTA
falling
82
87
92
%
PGOOD Threshold Hysteresis
V
PGOOD-HYS
3%
Start-Up Time
t
SU
From OFF to 87% V
OUTx
, I
OUTx
= 50mA,
C
BYP
= 22nF
1ms
Under Voltage Lockout
V
UVLO
V
IN
Rising
2.20
2.30
2.40
V
UVLO Hysteresis
V
UVLO-HYS
100
mV
Over Temperature Protection
Threshold(3)
T
OT
Temperature Rising
160
°C
Over Temperature Threshold
Hysteresis
V
OT-HYS
20
°C
Digital Inputs
Logic Input High Threshold
V
IH
V
IN
= 5.5V
1.25
V
Logic Input Low Threshold
V
IL
V
IN
= 2.5V
0.4
V
Logic Input High Current
I
IH
V
IN
= 5.5V
1
μA
Logic Input Low Current
I
IL
V
IN
= 5.5V
1
μA
Digital Outputs
PGOOD Output voltage Low
V
OL
I
SINK
= 500μA,V
IN
=3.7V
7
20
mV
Electrical Characteristics (continued)
Notes:
(1) Dropout voltage is defined as V
IN
- V
OUTx
, when V
OUTx
is 100mV below the value of V
OUTx
at V
IN
= V
OUTx
+ 0.5V.
(2) Guaranteed by design
(3) Thermal shutdown latches both LDOs off. Cycle EN or VIN pin to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com