Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC561 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 2 Page - Semtech Corporation

  SC561 Datasheet HTML 1Page - Semtech Corporation SC561 Datasheet HTML 2Page - Semtech Corporation SC561 Datasheet HTML 3Page - Semtech Corporation SC561 Datasheet HTML 4Page - Semtech Corporation SC561 Datasheet HTML 5Page - Semtech Corporation SC561 Datasheet HTML 6Page - Semtech Corporation SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SC561
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC561ULTRT(1)(2)
MLPQ-UT8 1.5×1.5
SC561EVB
Evaluation Board
Notes:
(1)
Available in tape and reel only. A reel contains 3,000 devices.
(2)
Lead-free package only. Device is WEEE and RoHS compliant.
TOP VIEW
PGOOD
LOAD
BYP
7
EN
6
4
GND
5
8
2
IN
1
OUTB
3
OUTA
Device
Output Voltage
Options
Part
Number
Code
V
LDOA
V
LDOB
SC561
3.1
2.85
0V
nn
yw
MLPQ-UT-8; 1.5x1.5, 8 LEAD
θ
JA = 157°C/W
nn = Part No. Code — See the Voltage Options Table
for details
yw = Datecode — See package marking design
guidelines document #ALOW-693AQX
Voltage Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com