Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC561 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation SC561 Datasheet HTML 10Page - Semtech Corporation SC561 Datasheet HTML 11Page - Semtech Corporation SC561 Datasheet HTML 12Page - Semtech Corporation SC561 Datasheet HTML 13Page - Semtech Corporation SC561 Datasheet HTML 14Page - Semtech Corporation SC561 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SC561
13
Layout Considerations
While layout for linear devices is generally not as critical
as for a switching application, careful attention to detail
will ensure reliable operation. The diagram below illus-
trates proper layout of a circuit.
Attach the part to a large copper footprint, to
enable better heat transfer from the device on
PCBs where there are internal power and ground
planes.
•
Applications Information (continued)
Place the input, output, and bypass capacitors
close to the device for optimal transient
response and device behavior.
Connect all ground connections directly to the
ground plane whenever possible to minimize
ground potential differences on the PCB.
•
•
Scale = 20:1 (20mm = 1mm)
Layer 1
Layer 2
Via between Layer 1
and Layer 2
SC561
CIN
COUTB
COUTA
CBYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com