Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC561 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC561 Datasheet HTML 3Page - Semtech Corporation SC561 Datasheet HTML 4Page - Semtech Corporation SC561 Datasheet HTML 5Page - Semtech Corporation SC561 Datasheet HTML 6Page - Semtech Corporation SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation SC561 Datasheet HTML 10Page - Semtech Corporation SC561 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SC561
7
Load Transient Response Rising Edge (Both LDOs)
V
IN
= 3.6V, V
OUT
= 3.1V, LOAD = H
I
OUT
=1mA to
3mA
(50mA/div)
V
OUT
(10mV/div)
Time (50μs/div)
Load Transient Response Falling Edge (Both LDOs)
V
IN
= 3.6V, V
OUT
= 3.1V, LOAD = H
I
OUT
=1mA to
3mA
(50mA/div)
V
OUT
(10mV/div)
Time (50μs/div)
Load Transient Response Rising Edge (Both LDOs)
V
IN
= 3.6V, V
OUT
= 3.1V, LOAD = L
I
OUT
=1mA to
3mA
(50mA/div)
V
OUT
(10mV/div)
Time (50μs/div)
Load Transient Response Falling Edge (Both LDOs)
V
IN
= 3.6V, V
OUT
= 3.1V, LOAD = L
I
OUT
=1mA to
3mA
(50mA/div)
V
OUT
(10mV/div)
Time (50μs/div)
Typical Characteristics (continued)
Load Transient Response Rising Edge (Both LDOs)
V
IN
= 3.6V, V
OUT
= 3.1V, LOAD = H
I
OUT
=1mA to
100mA
(50mA/div)
V
OUT
(20mV/div)
Time (50μs/div)
Load Transient Response Falling Edge (Both LDOs)
V
IN
= 3.6V, V
OUT
= 3.1V, LOAD = H
Time (50μs/div)
I
OUT
=1mA to
100mA
(50mA/div)
V
OUT
(20mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com