Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC561 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC561
Description  Dual Output Low Noise LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC561 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC561 Datasheet HTML 7Page - Semtech Corporation SC561 Datasheet HTML 8Page - Semtech Corporation SC561 Datasheet HTML 9Page - Semtech Corporation SC561 Datasheet HTML 10Page - Semtech Corporation SC561 Datasheet HTML 11Page - Semtech Corporation SC561 Datasheet HTML 12Page - Semtech Corporation SC561 Datasheet HTML 13Page - Semtech Corporation SC561 Datasheet HTML 14Page - Semtech Corporation SC561 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SC561
12
Thermal Considerations
Although each of the two LDOs in the SC561 can provide
300mA of output current, the maximum power dissipation
in the device is restricted by the miniature package size.
The graphs in Figures 3 and 4 can be used as a guideline
to determine whether the input voltage, output voltages,
output currents, and ambient temperature of the system
result in power dissipation within the operating limits are
met or if further thermal relief is required.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
33.5
4
4.5
5
5.5
6
Input Voltage (V)
______ TA=+25°C, PD(MAX)= 0.8W
- - - - TA=+85°C, PD(MAX)= 0.41W
Figure 3 — Safe Operating Limit
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
Ambient Temperature (oC)
TJ(Max)=150°C
TJ(Max)=125°C
Figure 4 — Maximum P
D vs. TA
The following procedure can be followed to determine if
the thermal design of the system is adequate. The junc-
tion temperature of the SC561 can be determined in
Applications Information (continued)
known operating conditions using the following
equation:
T
J
= T
A
+(P
D
x θ
JA
)
where
T
J
= Junction Temperature (°C)
T
A
= Ambient Temperature (°C)
P
D
= Power Dissipation (W)
θ
JA
= Thermal Resistance Junction to Ambient (°C/W)
Example
A SC561 is used to provide outputs of 3.1V, 150mA from
LDOA and 2.85V, 250mA from LDOB. The input voltage is
4.2V, and the ambient temperature of the system is 40°C.
P
D
= 0.15(4.2 – 3.1) + 0.25(4.2 – 2.85)
= 0.503W
and
T
J
= 40 + (0.503 x 157) = 118.9°C
Figure 4 shows that the junction temperature would be
within the maximum specification of 150°C for this power
dissipation. This means that operation of the SC561 under
these conditions is within the specified limits and the
device would not require further thermal relief measures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com