Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7820Y/2K Datasheet(PDF) 18 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 14Page - Texas Instruments AMC7820Y/2K Datasheet HTML 15Page - Texas Instruments AMC7820Y/2K Datasheet HTML 16Page - Texas Instruments AMC7820Y/2K Datasheet HTML 17Page - Texas Instruments AMC7820Y/2K Datasheet HTML 18Page - Texas Instruments AMC7820Y/2K Datasheet HTML 19Page - Texas Instruments AMC7820Y/2K Datasheet HTML 20Page - Texas Instruments AMC7820Y/2K Datasheet HTML 21Page - Texas Instruments AMC7820Y/2K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
18
FIGURE 6. Soft Start Function.
TEC
Soft-Start
Controller
DAC0
(12 Bits)
6
7
48
47
1
46
2
SOFT_START_ENABLE
SOFT_START_CTR
SW4
SW2
SW3
OPA7_IN+
DAC0_OUT
DAC0_OUT_SET
OPA7_OUT
SW2_OUT
OPA7_IN–
ON
OFF
Uni
Bip
R
R
EN
OPA7
OPA9
T_SENSE_Voltage
SW2_DISABLE
Unipolar_Bipolar_CTR
2.5V
To TEC
DRIVER
C
R
APPLICATION
The AMC7820 can be used to control one CW type laser
diode (or pump laser diode) current and one TEC cooler, two
TEC coolers, or two laser diodes. See Figure 7 for a typical
application to control one pump laser diode and one TEC. A
similar approach can be used to control other CW type laser
diodes.
TEC CONTROL
The TEC control loop is made up of the thermistor current
source, a unity-gain buffer, a thermostat DAC (DAC0), the
TEC integrator (OPA7), the internal TEC SOFT_START_
CONTROLLER, an external thermistor, and an external
TEC Power Current Driver.
The external thermistor is driven by the current from the
thermistor current source. The voltage across the thermistor
represents the actual TEC temperature, and is fed into the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com