Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7820Y/2K Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 3Page - Texas Instruments AMC7820Y/2K Datasheet HTML 4Page - Texas Instruments AMC7820Y/2K Datasheet HTML 5Page - Texas Instruments AMC7820Y/2K Datasheet HTML 6Page - Texas Instruments AMC7820Y/2K Datasheet HTML 7Page - Texas Instruments AMC7820Y/2K Datasheet HTML 8Page - Texas Instruments AMC7820Y/2K Datasheet HTML 9Page - Texas Instruments AMC7820Y/2K Datasheet HTML 10Page - Texas Instruments AMC7820Y/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
7
TYPICAL CHARACTERISTICS: ADC
At TA = +25°C, +AVDD, BVDD = +5.0V, VREF = Internal +2.5V, unless otherwise noted.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs CODE
(–40
°C)
0
512
1024
1536
2048
Code
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs CODE
(+25
°C)
0
512
1024
1536
2048
Code
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR vs CODE
(+85
°C)
0
512
1024
1536
2048
Code
2560
3072
3584
4096
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
OFFSET vs TEMPERATURE
(Internal or External Reference)
Temperature (
°C)
1.0
0.5
0.0
–0.5
–1.0
–50
–25
0
25
50
75
100
GAIN ERROR vs TEMPERATURE
Temperature (
°C)
0.40
0.20
0.00
–0.20
–0.40
–0.60
–0.80
–50
–25
0
25
50
75
100
With 2.5V External Reference
With 2.5V Internal Reference
CHANNEL-TO-CHANNEL MATCH vs TEMPERATURE
(Unbuffered Channels 2, 3, 4, 5)
Temperature (
°C)
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–50
–25
0
25
50
75
100
Offset Error Match
Gain Error Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com