Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7820Y/2K Datasheet(PDF) 26 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 21Page - Texas Instruments AMC7820Y/2K Datasheet HTML 22Page - Texas Instruments AMC7820Y/2K Datasheet HTML 23Page - Texas Instruments AMC7820Y/2K Datasheet HTML 24Page - Texas Instruments AMC7820Y/2K Datasheet HTML 25Page - Texas Instruments AMC7820Y/2K Datasheet HTML 26Page - Texas Instruments AMC7820Y/2K Datasheet HTML 27Page - Texas Instruments AMC7820Y/2K Datasheet HTML 28Page - Texas Instruments AMC7820Y/2K Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
26
LAYOUT
For optimum performance, care should be taken with the
physical layout of the AMC7820 circuitry. The basic SAR
architecture is sensitive to glitches or sudden changes on the
power supply, reference, ground connections, and digital
inputs that occur just prior to latching the output of the analog
comparator of the ADC. Therefore, during any single conver-
sion for an ‘n-bit’ SAR converter, there are n ‘windows’ in
which large external transient voltages can easily affect the
conversion result. Such glitches might originate from switch-
ing power supplies, nearby digital logic, and high-power
devices. The degree of error in the digital output depends on
the reference voltage, layout, and the exact timing of the
external event.
With this in mind, power to the AMC7820 should be clean
and well bypassed. A 0.1
µF ceramic bypass capacitor should
be placed as close to the device as possible. A 1
µF to 10µF
capacitor may also be needed if the impedance of the
connection between AVDD and the power supply is high.
It is recommended to install a reference bypass capacitor
(1
µF) between the EXT_REF_IN pin and analog ground
when internal reference is used. If an external reference
voltage originates from an op amp, make sure that it can
drive any bypass capacitor that is used without oscillation.
The AMC7820 architecture offers no inherent rejection of
noise or voltage variation coming from an external reference
input. Any noise and ripple from the reference will appear
directly in the analog and digital results.
The AGND and DGND pins should be connected to a clean
ground point. In many cases, this will be the “analog” ground.
Avoid connections that are too near the grounding point of a
microcontroller or digital signal processor. If needed, run a
ground trace directly from the converter to the power-supply
entry or battery-connection point. The ideal layout will include
an analog ground plane dedicated to the AMC7820 and
associated external analog circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com