Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7820Y/2K Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 2Page - Texas Instruments AMC7820Y/2K Datasheet HTML 3Page - Texas Instruments AMC7820Y/2K Datasheet HTML 4Page - Texas Instruments AMC7820Y/2K Datasheet HTML 5Page - Texas Instruments AMC7820Y/2K Datasheet HTML 6Page - Texas Instruments AMC7820Y/2K Datasheet HTML 7Page - Texas Instruments AMC7820Y/2K Datasheet HTML 8Page - Texas Instruments AMC7820Y/2K Datasheet HTML 9Page - Texas Instruments AMC7820Y/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
6
TIMING CHARACTERISTICS
At –40
°C to +85°C, +AV
DD = +DVDD = +5V, VREF = +2.5V, +BVDD = +5V, unless otherwise noted.
PARAMETER
SYMBOL
MIN
MAX
UNITS
SCLK Period
tSCK
30
ns
SCLK HIGH or LOW Time
tWSCK
15
ns
Rise Time
tR
30
ns
Fall Time
tF
30
ns
Enable Lead Time
tLEAD
15
ns
Enable Lag Time
tLAG
15
ns
Sequential Transfer Delay
tTD
30
ns
Data Setup Time
tSU
10
ns
Data Hold Time (inputs)
tHI
10
ns
Slave Access Time
tA
15
ns
Data Valid
tV
10
ns
Data Hold Time (outputs)
tHO
0ns
Slave MISO Disable Time
tDIS
15
ns
TIMING CHARACTERISTICS
At –40
°C to +85°C, +AV
DD = +DVDD = +5V, VREF = +2.5V, +BVDD = +3V, unless otherwise noted.
PARAMETER
SYMBOL
MIN
MAX
UNITS
SCLK Period
tSCK
40
ns
SCLK HIGH or LOW Time
tWSCK
20
ns
Rise Time
tR
30
ns
Fall Time
tF
30
ns
Enable Lead Time
tLEAD
15
ns
Enable Lag Time
tLAG
15
ns
Sequential Transfer Delay
tTD
30
ns
Data Setup Time
tSU
10
ns
Data Hold Time (inputs)
tHI
10
ns
Slave Access Time
tA
15
ns
Data Valid
tV
15
ns
Data Hold Time (outputs)
tHO
0ns
Slave MISO Disable Time
tDIS
15
ns
TIMING DIAGRAM
t
TD
t
R
t
LAG
t
F
t
V
t
A
Hi-Z
t
HO
t
DIS
t
SCK
t
WSCK
t
WSCK
t
LEAD
t
SU
t
HI
SS
SCLK
MOSI
MISO
Command
BIT 15 (MSB)
Command
BIT 14 . . . 1
Command
BIT 0 (LSB)
DATA IN
BIT 15 (MSB)
DATA IN
BIT 14 . . . 1
DATA IN
BIT 0 (LSB)
DATA OUT
BIT 15 (MSB)
DATA OUT
BIT 14 . . . 1
DATA OUT
BIT 0 (LSB)
WRITE COMMAND FROM THE HOST
WRITE OPERATION
DATA WRITTEN INTO AMC7820’s REGISTERS
Previous value of register N before writing operation. NOTE: If SS is HIGH,
MISO is in Hi-Z.
t
TD
t
R
t
LAG
t
F
t
V
t
A
Hi-Z
t
HO
t
DIS
t
SCK
t
WSCK
t
WSCK
t
LEAD
t
SU
t
HI
SS
SCLK
MOSI
MISO
Command
BIT 15 (MSB)
Don’t
Care
Command
BIT 14 . . . 1
Command
BIT 0 (LSB)
Don’t
Care
DATA OUT
BIT 15 (MSB)
DATA OUT
BIT 14 . . . 1
DATA OUT
BIT 0 (LSB)
READ COMMAND FROM THE HOST
READ OPERATION
DATA READ FROM AMC7820’s REGISTERS
NOTE: If SS is HIGH,
MISO is in Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com