Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7820Y/2K Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 4Page - Texas Instruments AMC7820Y/2K Datasheet HTML 5Page - Texas Instruments AMC7820Y/2K Datasheet HTML 6Page - Texas Instruments AMC7820Y/2K Datasheet HTML 7Page - Texas Instruments AMC7820Y/2K Datasheet HTML 8Page - Texas Instruments AMC7820Y/2K Datasheet HTML 9Page - Texas Instruments AMC7820Y/2K Datasheet HTML 10Page - Texas Instruments AMC7820Y/2K Datasheet HTML 11Page - Texas Instruments AMC7820Y/2K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
8
TYPICAL CHARACTERISTICS: ADC (Cont.)
At TA = +25°C, +AVDD, BVDD = +5.0V, VREF = Internal +2.5V, unless otherwise noted.
GAIN ERROR, OFFSET ERROR, INTERNAL V
REF
vs AV
DD SUPPLY VOLTAGE
(Unbuffered Channels)
Supply Voltge, AV
DD (V)
4.75
4.80
4.85 4.90
4.95 5.00 5.05
5.10
5.20
5.25
5.15
0.030
0.025
0.020
0.015
0.010
0.005
0.000
–0.005
–0.010
–0.015
–0.020
0.300
0.250
0.200
0.150
0.100
0.050
0.000
–0.050
–0.100
–0.150
–0.200
Offset
Internal V
REF
Gain
40
35
30
25
20
15
10
5
0
POWER-SUPPLY REJECTION vs FREQUENCY
AV
DD Ripple Frequency (Hz)
100
10k
100k
1M
1k
10
INTERNAL REFERENCE VOLTAGE
vs TEMPERATURE
Temperature (
°C)
10
5
0
–5
–10
–15
–20
–50
–25
0
25
50
75
100
INTERNAL 2.5V REFERENCE DISTRIBUTION
Internal Reference Voltage (V)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com