Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS504-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCS504-Q1
Description  CDCS504-Q1 Clock Buffer and Clock Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS504-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  CDCS504-Q1 Datasheet HTML 1Page - Texas Instruments CDCS504-Q1 Datasheet HTML 2Page - Texas Instruments CDCS504-Q1 Datasheet HTML 3Page - Texas Instruments CDCS504-Q1 Datasheet HTML 4Page - Texas Instruments CDCS504-Q1 Datasheet HTML 5Page - Texas Instruments CDCS504-Q1 Datasheet HTML 6Page - Texas Instruments CDCS504-Q1 Datasheet HTML 7Page - Texas Instruments CDCS504-Q1 Datasheet HTML 8Page - Texas Instruments CDCS504-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
CDCS504-Q1
SCAS951 – APRIL 2017
www.ti.com
Product Folder Links: CDCS504-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3
3.6
V
fIN
Input frequency
FS = 0
2
27
MHz
FS = 1
2
27
VIL
Low-level input voltage LVCMOS
0.3 × VDD
V
VIH
High-level input voltage LVCMOS
0.7 × VDD
V
VI
Input voltage threshold LVCMOS
0.5 × VDD
V
CL
Output load test LVCMOS
15
pF
IOH/IOL
Output current
±12
mA
TA
Operating free-air temperature
–40
105
°C
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(2)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
(1)
THERMAL METRIC(2)
CDCS504-Q1
UNIT
PW (TSSOP)
8 PINS
RθJA
Junction-to-ambient thermal
resistance
179.9
°C/W
High K
Thermal Airflow (CFM) 0
149
Thermal Airflow (CFM) 150
142
Thermal Airflow (CFM) 250
138
Thermal Airflow (CFM) 500
132
Low K
Thermal Airflow (CFM) 0
230
Thermal Airflow (CFM) 150
185
Thermal Airflow (CFM) 250
170
Thermal Airflow (CFM) 500
150
RθJC(top)
Junction-to-case (top) thermal
resistance
64.9
°C/W
High K
65
Low K
69
RθJB
Junction-to-board thermal resistance
108.7
°C/W
ψJT
Junction-to-top characterization parameter
9
°C/W
ψJB
Junction-to-board characterization parameter
107
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
6.5 Electrical Characteristics – Device Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Device supply current
fin = 3.072 MHz; FS = 1
24
mA
fOUT
Output frequency
FS = 0
2
27
MHz
FS = 1
8
108
IIH
LVCMOS input current
VI = VDD; VDD = 3.6 V
10
μA
IIL
LVCMOS input current
VI = 0 V; VDD = 3.6 V
–10
μA
VOH
LVCMOS high-level output voltage
IOH = -–0.1 mA
2.9
V
IOH = -–8 mA
2.4
IOH = -–12 mA
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com