Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS504-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCS504-Q1
Description  CDCS504-Q1 Clock Buffer and Clock Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS504-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCS504-Q1 Datasheet HTML 5Page - Texas Instruments CDCS504-Q1 Datasheet HTML 6Page - Texas Instruments CDCS504-Q1 Datasheet HTML 7Page - Texas Instruments CDCS504-Q1 Datasheet HTML 8Page - Texas Instruments CDCS504-Q1 Datasheet HTML 9Page - Texas Instruments CDCS504-Q1 Datasheet HTML 10Page - Texas Instruments CDCS504-Q1 Datasheet HTML 11Page - Texas Instruments CDCS504-Q1 Datasheet HTML 12Page - Texas Instruments CDCS504-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Ta (°C)
0
25
50
75
100
125
-40
0
25
85
92.7
98.5
91.1
100.5
ac_D
Ta (°C)
0
20
40
60
80
-40
0
25
85
59.2
61.9
66.3
56.4
ac_D
9
CDCS504-Q1
www.ti.com
SCAS951 – APRIL 2017
Product Folder Links: CDCS504-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
In most cases, these actions are available:
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
9.2.3 Application Curves
X1 mode, 8-MHz input, 8-MHz output, VDD = 3.3 V
Figure 7. Typical Cycle-to-Cycle Jitter vs Temperature
X4 mode, 27.5-MHz input, 110-MHz output, VDD = 3.3 V
Figure 8. Typical Cycle-to-Cycle Jitter vs Temperature
10 Power Supply Recommendations
The CDCS504-Q1 requires a 3.3-V supply.
11 Layout
11.1 Layout Guidelines
The CDCS504-Q1 only has typical 20-mA supply current, so there is no thermal design challenge. A 0.01-µF
capacitor may be placed close to VDD pin as a bypass capacitor.
11.2 Layout Example
Figure 9. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com