Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS504-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCS504-Q1
Description  CDCS504-Q1 Clock Buffer and Clock Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS504-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCS504-Q1 Datasheet HTML 4Page - Texas Instruments CDCS504-Q1 Datasheet HTML 5Page - Texas Instruments CDCS504-Q1 Datasheet HTML 6Page - Texas Instruments CDCS504-Q1 Datasheet HTML 7Page - Texas Instruments CDCS504-Q1 Datasheet HTML 8Page - Texas Instruments CDCS504-Q1 Datasheet HTML 9Page - Texas Instruments CDCS504-Q1 Datasheet HTML 10Page - Texas Instruments CDCS504-Q1 Datasheet HTML 11Page - Texas Instruments CDCS504-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Audio DSP
CDCS504-Q1
TAS6424
SCLK
(2.816 MHz)
SCLK
(2.816 MHz)
Other Signals
MCLK
(11.264 MHz)
Copyright © 2017, Texas Instruments Incorporated
8
CDCS504-Q1
SCAS951 – APRIL 2017
www.ti.com
Product Folder Links: CDCS504-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The CDCS504-Q1 is a clock buffer or multiplier for automotive amplifiers and infotainment. It is fit for the
TAS6424-Q1, a four-channel, class-D, digital-input audio-amplifier, when the applications are without available
MCLK. See Figure 6 for more details.
9.2 Typical Application
Figure 6. Clock for Automotive Amplifiers
9.2.1 Design Requirements
The CDCS504-Q1 is supplied with a single-power 3.3 V. The device supports minimum input frequency to 2
MHz. For maximum input frequency, it is 32 MHz in ×1 mode, and 27 MHz in ×4 mode. The input clock is
LVCMOS type and should satisfy requirements in the Recommended Operating Conditions.
9.2.2 Detailed Design Procedure
In some applications, the clock input for CDCS504-Q1 is not always presented. In case there is an unexpected
clock output without clock input, TI recommends setting OE pin to low. When it gets clock input ready, set OE pin
to high to get expected clock output. If the other application presents continuous clock input for CDCS504-Q1,
the OE pin could be floated, internal pullup brings output enable, or an external pullup circuits could be used
fixedly.
9.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the CDCS504-Q1 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com