Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS504-Q1 Datasheet (PDF) - Texas Instruments

CDCS504-Q1 Datasheet PDF - Texas Instruments
Part # CDCS504-Q1
Download  CDCS504-Q1 Download
File Size   602.86 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCS504-Q1 Clock Buffer and Clock Multiplier

CDCS504-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCS504-Q1 Datasheet PDF - Texas Instruments

Part # CDCS504-Q1
Download  CDCS504-Q1 Click to download

File Size   602.86 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCS504-Q1 Clock Buffer and Clock Multiplier

CDCS504-Q1 Datasheet (HTML) - Texas Instruments


CDCS504-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Test Guidance With the Following
Results:
– Device Temperature Grade 2: –40°C to 105°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C3B
• Part of a Family of Easy-to-Use Clock Generator
Devices
• Clock Multiplier With Selectable Output Frequency
• Frequency Multiplication Selectable Between x1
or x4 With One External Control Pin
• Output Disable Through Control Pin
• Single 3.3-V Device Power Supply
• Wide Temperature Range: –40°C to 105°C
• Low Space Consumption 8-Pin TSSOP Package
• Create a Custom Design Using the CDCS504-Q1
With the WEBENCH® Power Designer

2 Applications
Automotive Applications Requiring Clock
Multiplication

3 Description
The CDCS504-Q1 device is a LVCMOS input clock
buffer with selectable frequency multiplication.
The CDCS504-Q1 has an output enable pin.
The device accepts a 3.3-V LVCMOS signal at the
input.
The input signal is processed by a phased-locked
loop (PLL), whose output frequency is either equal to
the input frequency or multiplied by the factor of four.
By this, the device can generate output frequencies
between 2 MHz and 108 MHz.
A separate control pin can be used to enable or
disable the output. The CDCS504-Q1 device
operates in a 3.3-V environment.
It is characterized for operation from –40°C to 105°C
and is available in an 8-pin TSSOP package.




Similar Part No. - CDCS504-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
More results


Similar Description - CDCS504-Q1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
logo
Texas Instruments
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
logo
Integrated Device Techn...
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
Clock Synchronizer and Multiplier
logo
Texas Instruments
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
CLOCK SYNCHRONIZER AND MULTIPLIER
logo
Texas Instruments
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
CLOCK MULTIPLIER
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com