Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS504-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCS504-Q1
Description  CDCS504-Q1 Clock Buffer and Clock Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS504-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  CDCS504-Q1 Datasheet HTML 1Page - Texas Instruments CDCS504-Q1 Datasheet HTML 2Page - Texas Instruments CDCS504-Q1 Datasheet HTML 3Page - Texas Instruments CDCS504-Q1 Datasheet HTML 4Page - Texas Instruments CDCS504-Q1 Datasheet HTML 5Page - Texas Instruments CDCS504-Q1 Datasheet HTML 6Page - Texas Instruments CDCS504-Q1 Datasheet HTML 7Page - Texas Instruments CDCS504-Q1 Datasheet HTML 8Page - Texas Instruments CDCS504-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
GND
OUT
IN
FS
LVCMOS
Control
Logic
OE
LV
CMOS
GND
GND
x1 or x4
V
DD
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCS504-Q1
SCAS951 – APRIL 2017
CDCS504-Q1 Clock Buffer and Clock Multiplier
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Test Guidance With the Following
Results:
–
Device Temperature Grade 2: –40°C to 105°C
Ambient Operating Temperature Range
–
Device HBM ESD Classification Level H2
–
Device CDM ESD Classification Level C3B
•
Part of a Family of Easy-to-Use Clock Generator
Devices
•
Clock Multiplier With Selectable Output Frequency
•
Frequency Multiplication Selectable Between x1
or x4 With One External Control Pin
•
Output Disable Through Control Pin
•
Single 3.3-V Device Power Supply
•
Wide Temperature Range: –40°C to 105°C
•
Low Space Consumption 8-Pin TSSOP Package
•
Create a Custom Design Using the CDCS504-Q1
With the WEBENCH® Power Designer
2 Applications
Automotive Applications Requiring Clock
Multiplication
3 Description
The CDCS504-Q1 device is a LVCMOS input clock
buffer with selectable frequency multiplication.
The CDCS504-Q1 has an output enable pin.
The device accepts a 3.3-V LVCMOS signal at the
input.
The input signal is processed by a phased-locked
loop (PLL), whose output frequency is either equal to
the input frequency or multiplied by the factor of four.
By this, the device can generate output frequencies
between 2 MHz and 108 MHz.
A separate control pin can be used to enable or
disable
the
output.
The
CDCS504-Q1
device
operates in a 3.3-V environment.
It is characterized for operation from –40°C to 105°C
and is available in an 8-pin TSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCS504-Q1
TSSOP (8)
3.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - CDCS504-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
More results

Similar Description - CDCS504-Q1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
logo
Texas Instruments
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
logo
Integrated Device Techn...
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
Clock Synchronizer and Multiplier
logo
Texas Instruments
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
CLOCK SYNCHRONIZER AND MULTIPLIER
logo
Texas Instruments
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
CLOCK MULTIPLIER
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com