Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34910CSDX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM34910CSDX/NOPB
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSDX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM34910CSDX/NOPB Datasheet HTML 1Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 2Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 3Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 4Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 5Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 6Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM34910C
4
ON TIMER
280 ns
OFF TIMER
LEVEL
SHIFT
THERMAL
SHUTDOWN
7V SERIES
REGULATOR
VCC
UVLO
8V-50V
Input
VIN
C1
RON
C5
10
RON/
SD
8
7 SS
6 FB
5 RTN
LOGIC
REGULATION
COMPARATOR
OVER-
VOLTAGE
COMPARATOR
+
-
+
-
+
-
D1
SGND
ISEN 3
SW 1
BST
2
VCC 9
VIN
COMPLETE
START
RON
START
COMPLETE
C3
C4
R1
R2
R3
C2
CURRENT LIMIT
COMPARATOR
RSENSE
50 m:
VOUT1
VOUT2
2.875V
2.5V
11.5 PA
GATE DRIVE
UVLO
L1
+
-
+
-
0.7V
DRIVER
DRIVER
62.5 mV
C6
LM34910C
SNVS517B – MAY 2007 – REVISED MARCH 2013
www.ti.com
Typical Application Circuit and Block Diagram
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
Internally connected to the buck switch source. Connect to
1
SW
Switching Node
the external inductor, diode, and boost capacitor.
Connect a 0.022 µF capacitor from SW to this pin. An
2
BST
Boost pin for boot-strap capacitor
internal diode charges the capacitor during the off-time.
Internally the current sense resistor connects from this pin to
3
ISEN
Current sense input
SGND. Re-circulating current flows out of this pin to the free-
wheeling diode. Current limit is set at 1.25A.
Re-circulating current flows into this pin to the current sense
4
SGND
Sense Ground
resistor.
Ground for all internal circuitry other than the current limit
5
RTN
Circuit Ground
detection.
Internally connected to the regulation and over-voltage
6
FB
Feedback
comparators. The regulation level is 2.5V.
An internal 11.5 µA current source charges an external
7
SS
Softstart
capacitor to 2.5V to provide the softstart function.
An external resistor from VIN to this pin sets the buck switch
8
RON/SD
On-time Control and Shutdown
on-time. Grounding this pin shuts down the regulator.
Nominally regulated to 7.0V. An external voltage (8V-14V)
9
VCC
Output from the start-up regulator
can be connected to this pin to reduce internal dissipation.
An internal diode connects VCC to VIN.
10
VIN
Input supply voltage
Nominal input range is 8.0V to 50V.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com