Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34910CSDX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM34910CSDX/NOPB
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSDX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM34910CSDX/NOPB Datasheet HTML 6Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 9Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 10Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 13Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
L1 =
VOUT x (VIN - VOUT)
IOR x FS x VIN
RON
200 ns x VINMAX
t
1.3 x 10
-10
LM34910C
SNVS517B – MAY 2007 – REVISED MARCH 2013
www.ti.com
APPLICATIONS INFORMATION
EXTERNAL COMPONENTS
The following guidelines can be used to select the external components.
R1 and R2: The ratio of these resistors is calculated from:
R1/R2 = (VOUT/2.5V) - 1
(8)
R1 and R2 should be chosen from standard value resistors in the range of 1.0 k
Ω - 10 kΩ which satisfy the
above ratio.
RON: The minimum value for RON is calculated from:
(9)
Equation 1 can be used to select RON if a specific frequency is desired as long as the above limitation is met.
L1: The main parameter affected by the inductor is the output current ripple amplitude (IOR). The limits for IOR
must be determined at both the minimum and maximum nominal load currents.
a) If the maximum load current is less than the current limit threshold (1.25A), the minimum load current is used
to determine the maximum allowable ripple. To maintain continuous conduction mode the lower peak should not
reach 0 mA. For this case, the maximum ripple current is:
IOR(MAX1) = 2 x IO(min)
(10)
The ripple calculated in Equation 6 is then used in the following equation:
where
•
VIN is the maximum input voltage
•
Fs is determined from Equation 1
(11)
This provides a minimum value for L1. The next larger standard value should be used, and L1 should be rated
for the IPK current level.
b) If the maximum load current is greater than the current limit threshold (1.25A), the LM34910C ensures the
lower peak reaches 1.25A each cycle, requiring that IOR be at least twice the difference. The upper peak,
however, must not exceed 3.5A. For this case, the ripple limits are:
IOR(MAX2) = 2 x (3.5A - IO(max))
(12)
and
IOR(MIN1) = 2 x (IO(max) - 1.25A)
(13)
The lesser of Equation 12 and Equation 13 is then used in Equation 11. If IOR(MAX2) is used, the maximum VIN is
used in Equation 11. The next larger value should then be used for L1. If IOR(MIN1) is used, the minimum VIN is
used in Equation 11. The next smaller value should then be used for L1. L1 must be rated for the peak value of
the current waveform (IPK in Figure 6).
C3: The capacitor on the VCC output provides not only noise filtering and stability, but also prevents false
triggering of the VCC UVLO at the buck switch on/off transitions. For this reason, C3 should be no smaller than
0.1 µF, and should be a good quality, low ESR, ceramic capacitor.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com