Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34910CSDX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM34910CSDX/NOPB
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSDX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM34910CSDX/NOPB Datasheet HTML 5Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 6Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 9Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 10Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
1.25A
Load Current
Increases
IPK
IOCL
IO
'I
Normal Operation
Current Limited
LM34910C
www.ti.com
SNVS517B – MAY 2007 – REVISED MARCH 2013
Figure 6 illustrates the inductor current waveform. During normal operation the load current is Io, the average of
the ripple waveform. When the load resistance decreases the current ratchets up until the lower peak reaches
1.25A. During the Current Limited portion of Figure 6, the current ramps down to 1.25A during each off-time,
initiating the next on-time (assuming the voltage at FB is <2.5V). During each on-time the current ramps up an
amount equal to:
ΔI = (VIN - VOUT) x tON / L1
(7)
During this time the LM34910C is in a constant current mode, with an average load current (IOCL) equal to 1.25A
+
ΔI/2.
Figure 6. Inductor Current - Current Limit Operation
The current limit threshold can be increased by connecting an external resistor between SGND and ISEN. The
external resistor will typically be less than 1
Ω. The peak current out of SW and ISEN must not exceed 3.5A. The
average current out of SW must be less than 3A, and the average current out of ISEN must be less than 2A.
Therefore IPK in Figure 6 must not exceed 3.5A, and IOCL must not exceed 2A.
N - Channel Buck Switch and Driver
The LM34910C integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current allowed through the buck switch is 3.5A, and the maximum allowed average current is 3A. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.022
µF capacitor (C4) connected between BST and SW provides the voltage to the driver during the on-time. During
each off-time, the SW pin is at approximately -1V, and C4 charges from VCC through the internal diode. The
minimum off-time of 280 ns ensures a minimum time each cycle to recharge the bootstrap capacitor.
Softstart
The softstart feature allows the converter to gradually reach a steady state operating point, thereby reducing
start-up stresses and current surges. Upon turn-on, after VCC reaches the under-voltage threshold, an internal
11.5 µA current source charges up the external capacitor at the SS pin to 2.5V. The ramping voltage at SS (and
the non-inverting input of the regulation comparator) ramps up the output voltage in a controlled manner.
An internal switch grounds the SS pin if VCC is below the under-voltage lockout threshold, if a thermal shutdown
occurs, or if the RON/SD pin is grounded.
Thermal Shutdown
The LM34910C should be operated so the junction temperature does not exceed 125°C. If the junction
temperature increases, an internal Thermal Shutdown circuit, which activates (typically) at 175°C, takes the
controller to a low power reset state by disabling the buck switch and the on-timer, and grounding the Softstart
pin. This feature helps prevent catastrophic failures from accidental device overheating. When the junction
temperature reduces below 155°C (typical hysteresis = 20°C), the Softstart pin is released and normal operation
resumes.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com