Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34910CSDX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM34910CSDX/NOPB
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSDX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM34910CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 9Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 10Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 11Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 12Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 13Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 14Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
tSS =
C6 x 2.5V
11.5 PA
C1 =
IO x tON
'V
ESR(min) =
25 mV x (R1 + R2)
R2 x IOR(min)
LM34910C
www.ti.com
SNVS517B – MAY 2007 – REVISED MARCH 2013
C2, and R3: Since the LM34910C requires a minimum of 25 mVp-p of ripple at the FB pin for proper operation,
the required ripple at VOUT1 is increased by R1 and R2. This necessary ripple is created by the inductor ripple
current acting on C2’s ESR + R3. The minimum ripple current is calculated using Equation 11, rearranged to
solve for IOR at minimum VIN. The minimum ESR for C2 is then equal to:
(14)
If the capacitor used for C2 does not have sufficient ESR, R3 is added in series as shown in Typical Application
Circuit and Block Diagram. Generally R3 is less than 1
Ω. C2 should generally be no smaller than 3.3 µF,
although that is dependent on the frequency and the allowable ripple amplitude at VOUT1. Experimentation is
usually necessary to determine the minimum value for C2, as the nature of the load may require a larger value. A
load which creates significant transients requires a larger value for C2 than a non-varying load.
D1: The important parameters are reverse recovery time and forward voltage. The reverse recovery time
determines how long the reverse current surge lasts each time the buck switch is turned on. The forward voltage
drop is significant in the event the output is short-circuited as it is mainly this diode’s voltage (plus the voltage
across the current limit sense resistor) which forces the inductor current to decrease during the off-time. For this
reason, a higher voltage is better, although that affects efficiency. A reverse recovery time of
≊30 ns, and a
forward voltage drop of
≊0.75V are preferred. The reverse leakage specification is important as that can
significantly affect efficiency. D1’s reverse voltage rating must be at least as great as the maximum VIN, and its
current rating must equal or exceed IPK Figure 6.
C1 and C5: C1’s purpose is to supply most of the switch current during the on-time, and limit the voltage ripple
at VIN, on the assumption that the voltage source feeding VIN has an output impedance greater than zero. If the
source’s dynamic impedance is high (effectively a current source), it supplies the average input current, but not
the ripple current.
At maximum load current, when the buck switch turns on, the current into VIN suddenly increases to the lower
peak of the inductor’s ripple current, ramps up to the peak value, then drop to zero at turn-off. The average
current during the on-time is the load current. For a worst case calculation, C1 must supply this average load
current during the maximum on-time. C1 is calculated from:
where
•
Io is the load current
•
tON is the maximum on-time
•
ΔV is the allowable ripple voltage at VIN
(15)
C5’s purpose is to help avoid transients and ringing due to long lead inductance at VIN. A low ESR, 0.1 µF
ceramic chip capacitor is recommended, located close to the LM34910C .
C4: The recommended value for C4 is 0.022 µF. A high quality ceramic capacitor with low ESR is recommended
as C4 supplies a surge current to charge the buck switch gate at turn-on. A low ESR also helps ensure a
complete recharge during each off-time.
C6: The capacitor at the SS pin determines the softstart time, i.e. the time for the reference voltage at the
regulation comparator, and the output voltage, to reach their final value. The time is determined from the
following:
(16)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com