Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34910CSDX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM34910CSDX/NOPB
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSDX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM34910CSDX/NOPB Datasheet HTML 1Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 2Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 3Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 4Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 5Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 6Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM34910C
SNVS517B – MAY 2007 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 24V, RON = 200k unless otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Softstart Pin
Pull-up voltage
2.5
V
Internal current source
11.5
µA
Current Limit
ILIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to SGND
130
m
Ω
Response time
150
ns
On Timer
tON - 1
On-time
VIN = 10V, RON = 200 kΩ
2.1
2.75
3.6
µs
tON - 2
On-time
VIN = 50V, RON = 200 kΩ
560
ns
Shutdown threshold
Voltage at RON/SD rising
0.35
0.65
1.1
V
Threshold hysteresis
Voltage at RON/SD falling
40
mV
Off Timer
tOFF
Minimum Off-time
280
ns
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.875
V
FB bias current
100
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com