Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48411TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48411TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 17Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LM48411
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
AUDIO AMPLIFIER INPUT CAPACITOR SELECTION
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM48411. The input capacitors create a high-pass filter with the
input resistance Ri. The -3dB point of the high pass filter is found using Equation 2 below.
f = 1 / 2
πRiCi
(2)
The values for Ri can be found in the EC table for each gain setting.
The input capacitors can also be used to remove low frequency content from the audio signal. Small speakers
cannot reproduce, and may even be damaged by low frequencies. High pass filtering the audio signal helps
protect the speakers. When the LM48411 is using a single-ended source, power supply noise on the ground is
seen as an input signal. Setting the high-pass filter point above the power supply noise frequencies, 217 Hz in a
GSM phone, for example, filters out the noise such that it is not amplified and heard on the output. Capacitors
with a tolerance of 10% or better are recommended for impedance matching and improved CMRR and PSRR.
AUDIO AMPLIFIER GAIN SETTING
The LM48411 features four internally configured gain settings. The device gain is selected through the two logic
inputs, G0 and G1. The gain settings are as shown in the following table.
LOGIC INPUT
GAIN
G1
G0
V/V
dB
0
0
2
6
0
1
4
12
1
0
8
18
1
1
16
24
Build of Materials
Designator
Description
Footprint
Quantity
C1, C2
Ceramic Capacitor 0.1
μF, 50V, 10%
805
2
C3 – C6
Tantalum Capacitors 1
μF 20V, 10%, Size A
1206
4
C11
Tantalum Capacitors 10
μF 20V, 10% Size B
1411
1
JP1–5, JP8–11
Jumper Header Vertical Mount 2X1 0.100
9
JP6, JP7
Jumper Header Vertical Mount 3x1 0.100
2
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com