Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48411TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM48411TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
4
A
1
2
3
D
C
B
OUTRB
PGND
OUTLA
AGND
OUTRA
INR+
INR-
INL-
INL+
G1
G0
PVDD
SDL
SDR
AVDD
OUTLB
LM48411
www.ti.com
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
Connection Diagram
Figure 3. DSBGA - Top View
See YZR0016 Package
PIN DESCRIPTIONS
Bump
Name
Function
A1
OUTLB
Left Channel output B
A2
SDL
Left channel active low shutdown
A3
PGND
Power GND
A4
OUTRB
Right channel output B
B1
OUTLA
Left channel output A
B2
SDR
Right channel active low shutdown
B3
AGND
Ground
B4
OUTRA
Right channel output A
C1
PVDD
Power VDD
C2
G1
Gain setting input 1
C3
G0
Gain setting input 0
C4
AVDD
Power supply
D1
INL+
Non-inverting left channel input
D2
INL-
Inverting left channel input
D3
INR-
Inverting right channel input
D4
INR+
Non-inverting right channel input
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com