Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48411TL/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM48411TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SDR
SDL
GAIN0
GAIN1
INR-
INL-
INR+
INL+
OUTRA
OUTRB
OUTLA
OUTLB
VDD
PVDD
GND
PGND
2.4V to 5.5V
H-BRIDGE
GAIN/
MODULATOR
H-BRIDGE
GAIN/
MODULATOR
OSCILLATOR
CS1
CS2
Ci
Ci
Ci
Ci
AUDIO
INPUT
AUDIO
INPUT
30.0
80.0
FREQUENCY (MHz)
10.0
15.0
20.0
25.0
35.0
40.0
45.0
50.0
30.0
120.0 160.0 200.0 240.0 280.0
FCC Class B Limit
LM48411TL Output Spectrum
LM48411
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
LM48411 RF Emissions
Figure 1. RF Emissions — 3in cable
Typical Application
Figure 2. Typical Audio Amplifier Application Circuit
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com