Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48411TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48411TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM48411
www.ti.com
SNAS399G – SEPTEMBER 2007 – REVISED MAY 2013
LM48411
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D
Audio Power Amplifier with E2S
Check for Samples: LM48411
1
FEATURES
DESCRIPTION
The LM48411 is a single supply, high efficiency,
2
•
E2S System Reduces EMI Preserving Audio
2.5W/channel Class D audio amplifier. The LM48411
Quality and Efficiency
features TI's Enhanced Emissions Suppression (E2S)
•
Output Short Circuit Protection
system, that features a unique patent-pending ultra
•
Stereo Class D Operation
low EMI, spread spectrum, PWM architecture, that
significantly reduces RF emissions while preserving
•
No Output Filter Required for Inductive Loads
audio
quality
and
efficiency.
The
E2S
system
•
Logic Selectable Gain
improves battery life, reduces external component
•
Independent Shutdown Control
count, board area consumption, system cost, and
simplifying design.
•
Minimum External Components
•
"Click and Pop" Suppression Circuitry
The LM48411 is designed to meet the demands of
mobile phones and other portable communication
•
Micro-Power Shutdown Mode
devices. Operating on a single 5V supply, it is
•
Available in Space-Saving 0.5mm Pitch
capable of delivering 2.5W/channel of continuous
DSBGA Package
output power to a 4
Ω load with less than 10%
THD+N. Its flexible power supply requirements allow
APPLICATIONS
operation from 2.4V to 5.5V. The wide band spread
spectrum architecture of the LM48411 reduces EMI-
•
Mobile Phones
radiated emissions due to the modulator frequency.
•
PDAs
The LM48411 features high efficiency compared to a
•
Portable Electronic Devices
conventional Class AB amplifier. The E2S system
includes an advanced, patent-pending edge rate
KEY SPECIFICATIONS
control
(ERC)
architecture
that
further
reduce
emissions
by
minimizing
the
high
frequency
•
Efficiency at 3.6V, 500mW into 8
Ω Speaker:
component of the device output, while maintaining
87% (typ)
high quality audio reproduction and high efficiency (
η
•
Efficiency at 3.6V, 100mW into 8
Ω Speaker:
= 87% at VDD = 3.6V, PO = 500mW). Four gain
80% (typ)
options are pin selectable through GAIN0 and GAIN1
•
Efficiency at 5V, 1W into 8
Ω Speaker:
pins.
88% (typ)
The LM48411 features a low-power consumption
•
Quiescent Current, 3.6V Supply: 4.2mA (typ)
shutdown mode. Shutdown may be enabled by
driving the Shutdown pin to a logic low (GND).
•
Power Output at VDD = 5V RL = 4Ω, THD ≤ 10%:
2.5W (typ)
Output short circuit protection prevents the device
•
Power Output at VDD = 5V RL = 8Ω, THD ≤ 10%:
from being damaged during fault conditions. Superior
1.5W (typ)
click
and
pop
suppression
eliminates
audible
transients on power up/down and during shutdown.
•
Total Shutdown Power Supply Current:
Independent left/right shutdown control maximizes
0.01µA (typ)
power savings in mixed mono/stereo applications.
•
Single Supply Range: 2.4V to 5.5V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48411TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48411TL/NOPB TI1-LM48411TL/NOPB Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
More results

Similar Description - LM48411TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com