Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48411TL/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM48411TL/NOPB
Description  LM48411 Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48411TL/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM48411TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 17Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 18Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 19Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 20Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 21Page - Texas Instruments LM48411TL/NOPB Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MECHANICAL DATA
YZR0016xxx
www.ti.com
TLA16XXX (Rev C)
0.600±0.075
D
E
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215051/A
12/12
D: Max =
E: Max =
2.063 mm, Min =
2.014 mm, Min =
2.003 mm
1.953 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com