Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/5 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8563T/5
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/5 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8563T/5 Datasheet HTML 25Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 26Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 27Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 28Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 29Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 30Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 31Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 32Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
29 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
[1]
For reliable oscillator start-up at power on use VDD greater than 1.3 V. If powered up at 1.0 V the oscillator will start but it might be a bit
slow, especially if at high temperature. Normally the power supply is not 1.0 V at start up and only comes at the end of battery discharge.
VDD min of 1.0 V is specified so that the customer can calculate how large a battery or capacitor they need for their application. VDD min
of 1.3 V or greater is needed to ensure speedy oscillator start-up time.
[2]
Timer source clock = 1⁄60 Hz, level of pins SCL and SDA is VDD or VSS.
[3]
Tested on sample basis.
Outputs
IOL
LOW-level
output current
output sink current;
VOL =0.4 V; VDD =5V
on pin SDA
3
-
-
mA
on pin INT
1-
-
mA
on pin CLKOUT
1
-
-
mA
ILO
output leakage
current
VO =VDD or VSS
10
+1
A
Voltage detector
Vlow
low voltage
Tamb =25 C; sets bit VL; see Figure 6
-0.9
1.0
V
Table 29.
Static characteristics …continued
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C; Timer = 1 minute.
Tamb =25 C; Timer = 1 minute.
Fig 23. Supply current IDD as a function of supply
voltage VDD; CLKOUT disabled
Fig 24. Supply current IDD as a function of supply
voltage VDD; CLKOUT = 32 kHz
02
6
mgr888
4
VDD (V)
1
0
0.4
0.2
0.8
0.6
IDD
(
μA)
02
6
mgr889
4
VDD (V)
1
0
0.4
0.2
0.8
0.6
IDD
(
μA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com