Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/5 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8563T/5
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/5 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8563T/5 Datasheet HTML 6Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 7Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 8Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 9Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 10Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 11Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 12Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 13Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
10 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.4.1.1
Voltage-low detector and clock monitor
The PCF8563 has an on-chip voltage-low detector (see Figure 6). When VDD drops below
Vlow, bit VL in the VL_seconds register is set to indicate that the integrity of the clock
information is no longer guaranteed. The VL flag can only be cleared by using the
interface.
The VL flag is intended to detect the situation when VDD is decreasing slowly, for example
under battery operation. Should the oscillator stop or VDD reach Vlow before power is
re-asserted, then the VL flag is set. This will indicate that the time may be corrupted.
8.4.2 Register Minutes
8.4.3 Register Hours
8.4.4 Register Days
[1]
The PCF8563 compensates for leap years by adding a 29th day to February if the year counter contains a
value which is exactly divisible by 4, including the year 00.
Fig 6.
Voltage-low detection
VL set
normal power
operation
period of battery
operation
t
VDD
Vlow
mgr887
Table 10.
Minutes - minutes register (address 03h) bit description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4 MINUTES
0 to 5
ten’s place
actual minutes coded in BCD format
3 to 0
0 to 9
unit place
Table 11.
Hours - hours register (address 04h) bit description
Bit
Symbol
Value
Place value Description
7 to 6 -
-
-
unused
5 to 4 HOURS
0 to 2
ten’s place
actual hours coded in BCD format
3to0
0to9
unit place
Table 12.
Days - days register (address 05h) bit description
Bit
Symbol
Value
Place value Description
7 to 6 -
-
-
unused
5to4 DAYS[1]
0 to 3
ten’s place
actual day coded in BCD format
3to0
0to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com