Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/5 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8563T/5
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/5 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8563T/5 Datasheet HTML 37Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 38Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 39Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 40Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 41Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 42Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 43Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 44Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
43 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
23. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .5
Table 4.
Formatted registers overview . . . . . . . . . . . . . .6
Table 5.
Control_status_1 - control and status register 1
(address 00h) bit description . . . . . . . . . . . . . . .7
Table 6.
Control_status_2 - control and status register 2
(address 01h) bit description . . . . . . . . . . . . . . .7
Table 7.
INT operation (bit TI_TP = 1)[1]. . . . . . . . . . . . . .9
Table 8.
VL_seconds - seconds and clock integrity status
register (address 02h) bit description . . . . . . . .9
Table 9.
Seconds coded in BCD format . . . . . . . . . . . . .9
Table 10. Minutes - minutes register (address 03h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .10
Table 11. Hours - hours register (address 04h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .10
Table 12. Days - days register (address 05h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .10
Table 13. Weekdays - weekdays register (address 06h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 14. Weekday assignments . . . . . . . . . . . . . . . . . . . 11
Table 15. Century_months - century flag and months
register (address 07h) bit description . . . . . . . . 11
Table 16. Month assignments in BCD format . . . . . . . . . . 11
Table 17. Years - years register (08h) bit description . . . .12
Table 18. Minute_alarm - minute alarm register
(address 09h) bit description . . . . . . . . . . . . . .13
Table 19. Hour_alarm - hour alarm register (address 0Ah)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 20. Day_alarm - day alarm register (address 0Bh)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 21. Weekday_alarm - weekday alarm register
(address 0Ch) bit description . . . . . . . . . . . . . .14
Table 22. CLKOUT_control - CLKOUT control register
(address 0Dh) bit description . . . . . . . . . . . . . .15
Table 23. Timer_control - timer control register
(address 0Eh) bit description . . . . . . . . . . . . . .16
Table 24. Timer - timer value register (address 0Fh)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .16
Table 25. Timer register bits value range . . . . . . . . . . . . .16
Table 26. First increment of time circuits after STOP
bit release . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Table 27. Register reset value[1] . . . . . . . . . . . . . . . . . . .20
Table 28. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . .27
Table 29. Static characteristics . . . . . . . . . . . . . . . . . . . .28
Table 30. Dynamic characteristics . . . . . . . . . . . . . . . . . .30
Table 31. SnPb eutectic process (from J-STD-020D) . . .37
Table 32. Lead-free process (from J-STD-020D) . . . . . .37
Table 33. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . .38
Table 34. Revision history . . . . . . . . . . . . . . . . . . . . . . . .40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com