Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/5 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8563T/5
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/5 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8563T/5 Datasheet HTML 28Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 29Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 30Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 31Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 32Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 33Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 34Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 35Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
32 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
14. Application information
14.1 Quartz frequency adjustment
14.1.1 Method 1: fixed OSCI capacitor
By evaluating the average capacitance necessary for the application layout, a fixed
capacitor can be used. The frequency is best measured via the 32.768 kHz signal
available after power-on at pin CLKOUT. The frequency tolerance depends on the quartz
crystal tolerance, the capacitor tolerance and the device-to-device tolerance (on average
5 ppm). Average deviations of 5 minutes per year can be easily achieved.
14.1.2 Method 2: OSCI trimmer
Using the 32.768 kHz signal available after power-on at pin CLKOUT, fast setting of a
trimmer is possible.
14.1.3 Method 3: OSCO output
Direct measurement of OSCO out (accounting for test probe capacitance).
Fig 28. Application diagram
mgm665
SCL
SDA
VSS
OSCI
OSCO
CLOCK CALENDAR
PCF8563
SDA
SCL
MASTER
TRANSMITTER/
RECEIVER
VDD
VDD
SDA
SCL
RR
VDD
(I2C-bus)
R: pull-up resistor
R =
1 F
tr
Cb
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com