Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T/5 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8563T/5
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T/5 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8563T/5 Datasheet HTML 3Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 4Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 5Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 6Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 7Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 8Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 9Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 10Page - NXP Semiconductors PCF8563T/5 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
7 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.3 Control registers
8.3.1 Register Control_status_1
[1]
Default value.
[2]
Bits labeled as N should always be written with logic 0.
8.3.2 Register Control_status_2
Alarm registers
09h
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
0Ah
Hour_alarm
AE_H
x
HOUR_ALARM (0 to 23)
0Bh
Day_alarm
AE_D
x
DAY_ALARM (1 to 31)
0Ch
Weekday_alarm
AE_W
xxxxWEEKDAY_ALARM (0 to 6)
CLKOUT control register
0Dh
CLKOUT_control
FE
xxxxxFD[1:0]
Timer registers
0Eh
Timer_control
TE
xxxxxTD[1:0]
0Fh
Timer
TIMER[7:0]
Table 4.
Formatted registers overview …continued
Bit positions labelled as x are not relevant. Bit positions labelled with N should always be written with logic 0; if read they
could be either logic 0 or logic 1. After reset, all registers are set according to Table 27.
Address
Register name
Bit
7
6
5
4
3
2
1
0
Table 5.
Control_status_1 - control and status register 1 (address 00h) bit description
Bit
Symbol
Value
Description
Reference
7
TEST1
0[1]
normal mode
must be set to logic 0 during normal operations
Section 8.9
1
EXT_CLK test mode
6N
0[2]
unused
5STOP
0[1]
RTC source clock runs
Section 8.10
1
all RTC divider chain flip-flops are asynchronously set to logic 0; the RTC
clock is stopped (CLKOUT at 32.768 kHz is still available)
4N
0[2]
unused
3
TESTC
0
Power-On Reset (POR) override facility is disabled; set to logic 0 for
normal operation
Section 8.11.1
1[1]
Power-On Reset (POR) override may be enabled
2to0
N
000[2]
unused
Table 6.
Control_status_2 - control and status register 2 (address 01h) bit description
Bit
Symbol
Value
Description
Reference
7to5
N
000[1]
unused
4TI_TP
0[2]
INT is active when TF is active (subject to the status of TIE)
Section 8.3.2.1
and
Section 8.8
1INT pulses active according to Table 7 (subject to the status of TIE);
Remark: note that if AF and AIE are active then INT will be
permanently active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com