Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM48860TL/NOPB
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48860TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LM48860
www.ti.com
SNAS398D – JANUARY 2008 – REVISED MAY 2013
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. Applications that employ a 3V power supply typically use a 4.7µF capacitor in parallel with a 0.1µF
ceramic filter capacitor to stabilize the power supply's output, reduce noise on the supply line, and improve the
supply's transient response. Keep the length of leads and traces that connect capacitors between the LM48860's
power supply pin and ground as short as possible.
MICRO POWER SHUTDOWN
The voltage applied to the SD_LC (shutdown left channel) pin and the SD_RC (shutdown right channel) pin
controls the LM48860’s shutdown function. When active, the LM48860’s micropower shutdown feature turns off
the amplifiers’ bias circuitry, reducing the supply current. The trigger point is 0.45V for a logic-low level, and 1.2V
for logic-high level. The low 0.01µA (typ) shutdown current is achieved by applying a voltage that is as near as
ground a possible to the SD_LC/SD_RC pins. A voltage that is higher than ground may increase the shutdown
current. Do not let SD_LC/SD_RC float, connect either to high or low.
SELECTING PROPER EXTERNAL COMPONENTS
Optimizing the LM48860's performance requires properly selecting external components. Though the LM48860
operates well when using external components with wide tolerances, best performance is achieved by optimizing
component values.
Charge Pump Capacitor Selection
Use low ESR (equivalent series resistance) (<100m
Ω) ceramic capacitors with an X7R dielectric for best
performance. Low ESR capacitors keep the charge pump output impedance to a minimum, extending the
headroom on the negative supply. Higher ESR capacitors result in reduced output power from the audio
amplifiers.
Charge pump load regulation and output impedance are affected by the value of the flying capacitor (C4). A
larger valued C4 (up to 3.3uF) improves load regulation and minimizes charge pump output resistance. Beyond
3.3uF, the switch-on resistance dominates the output impedance.
The output ripple is affected by the value and ESR of the output capacitor (C3). Larger capacitors reduce output
ripple on the negative power supply. Lower ESR capacitors minimize the output ripple and reduce the output
impedance of the charge pump.
The LM48860 charge pump design is optimized for 2.2uF, low ESR, ceramic, flying and output capacitors.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value input coupling capacitors (C1 and C2 in Figure 1). A
high value capacitor can be expensive and may compromise space efficiency in portable designs. In many
cases, however, the speakers used in portable systems, whether internal or external, have little ability to
reproduce signals below 150Hz. Applications using speakers with this limited frequency response reap little
improvement by using high value input and output capacitors.
As shown in Figure 1, the internal input resistor, Ri and the input capacitors, C1 and C2, produce a -3dB high-
pass filter cutoff frequency that is found using Equation 2.
fi-3dB = 1 / 2πRINC
(Hz)
(2)
The value of RIN can be found in the Electrical Characteristics tables.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com