Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48860TL/NOPB
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM48860TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM48860
www.ti.com
SNAS398D – JANUARY 2008 – REVISED MAY 2013
PIN DESCRIPTIONS
Pin
Name
Function
A1
RIN
Right Channel Input
A2
SGND
Signal Ground
A3
LIN
Left Channel Input
B1
ROUT
Right Channel Output
B2
SD_LC
Active Low Shutdown, Left Channel
B3
LOUT
Left Channel Output
C1
VSS(CP)
Charge Pump Voltage Output
C2
SD_RC
Active-Low Shutdown, Right Channel
C3
VDD
Supply Voltage
D1
CCP-
Negative Terminal - Charge Pump Flying Capacitor
D2
PGND
Power Ground
D3
CCP+
Positive Terminal - Charge Pump Flying Capacitor
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to VDD
Power Dissipation(3)
Internally Limited
ESD Rating(4)
2000V
ESD Rating(5)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (typ) DSBGA
59.3°C/W
(1)
The Electrical Characteristics tables list ensure specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
specified.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM48860, see power derating curves for additional information.
(4)
Human body model, applicable std. JESD22-A114C.
(5)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage (VDD)
2.0V
≤ VDD ≤ 5.5V
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com