Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48860TL/NOPB
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48860TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM48860
www.ti.com
SNAS398D – JANUARY 2008 – REVISED MAY 2013
LM48860
Ground-Referenced, Ultra Low Noise, Fixed Gain
Stereo Headphone Amplifier
Check for Samples: LM48860
1
FEATURES
DESCRIPTION
The LM48860 is a ground referenced, fixed-gain
2
•
Fixed Logic Levels with Supply Voltage
audio power amplifier capable of delivering 40mW per
•
Ground Referenced Outputs
channel of continuous average power into a 16
Ω
•
High PSRR
single-ended load with less than 1% THD+N from a
3V power supply.
•
Available in Space-Saving DSBGA Package
•
Ultra Low Current Shutdown Mode
The LM48860 features a new circuit technology that
utilizes a charge pump to generate a negative
•
Improved Pop & Click Circuitry Eliminates
reference voltage. This allows the outputs to be
Noises During Turn-On and Turn-Off
biased about ground, thereby eliminating output-
Transitions
coupling capacitors typically used with normal single-
•
No Output Coupling Capacitors, Snubber
ended loads.
Networks, Bootstrap Capacitors, or Gain-
Boomer
audio
power
amplifiers
were
designed
Setting Resistors Required
specifically to provide high quality output power with a
•
Shutdown Either Channel Independently
minimal
amount
of
external
components.
The
LM48860 does not require output coupling capacitors
APPLICATIONS
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
•
Mobile Phones
where minimal power consumption is a primary
•
MP3 Players
requirement.
•
PDAs
The LM48860 features a low-power consumption
•
Portable Electronic Devices
shutdown
mode
selectable
for
either
channel
separately. This is accomplished by driving either the
•
Notebook PCs
SD_RC
(Shutdown
Right
Channel)
or
SD_LC
(Shutdown Left Channel) (or both) pins with logic low,
KEY SPECIFICATIONS
depending on which channel is desired shutdown.
•
PSRR at 217Hz (VDD = 3.0V): 80dB (typ)
Additionally,
the
LM48860
features
an
internal
•
Stereo Power Output at VDD = 3V, RL = 16Ω,
thermal shutdown protection mechanism.
THD+N = 1%: 40mW (typ)
The LM48860 contains advanced pop & click circuitry
•
Shutdown Current 0.1
μA (typ)
that eliminates noises which would otherwise occur
during turn-on and turn-off transitions.
•
Internal Fixed Gain: 1.5V/V (typ)
•
Operating Voltage: 2.0V to 5.5V
The LM48860 has an internal fixed gain of 1.5V/V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48860TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48860TL/NOPB TI1-LM48860TL/NOPB Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results

Similar Description - LM48860TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com