Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48860TL/NOPB
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM48860TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM48860
www.ti.com
SNAS398D – JANUARY 2008 – REVISED MAY 2013
External Components Description
(Figure 1)
Components
Functional Description
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a high pass-pass
1.
C1
filter with Ri at fC = 1/(2RiC1). Refer to the section Proper Selection of External Components, for an explanation of how
to determine the value of C1.
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a high pass-pass
2.
C2
filter with Ri at fC = 1/(2RiC2). Refer to the Power Supply Bypassing section for an explanation of how to determine the
value of C2.
3.
C3
Output capacitor. Low ESR ceramic capacitor (
≤100mΩ)
4.
C4
Flying capacitor. Low ESR ceramic capacitor (
≤100mΩ)
Tantalum capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply
5.
C5
Bypassing section for information concerning proper placement and selection of the supply bypass capacitor.
Ceramic capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply
6.
C6
Bypassing section for information concerning proper placement and selection of the supply bypass capacitor.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com