Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48860TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48860TL/NOPB
Description  LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48860TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM48860TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48860TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM48860
SNAS398D – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 3V
(1) (2)
The following specifications apply for VDD = 3V and 16Ω load unless otherwise specified. Limits apply to TA = 25°C.
LM48860
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
VDD = 3.0V,
VIN = 0V, inputs terminated
4
5.5
mA (max)
both channels enabled
Quiescent Power Supply Current
IDD
Full Power Mode
VDD = 5.0V,
VIN = 0V, inputs terminated
4.2
mA
both channels enabled
SD_LC = SD_RC= GND
0.1
1
µA (max)
ISD
Shutdown Current
SD_LC = SD_RC= GND,
0.1
1
µA (max)
VDD = 5.0V
VOS
Output Offset Voltage
RL = 32Ω, VIN = 0V
0.7
5.5
mV (max)
AV
Voltage Gain
–1.5
V/V
ΔAV
Channel-to-channel Gain
1
%
Matching
15
k
Ω (min)
RIN
Input Resistance
20
25
k
Ω (max)
THD+N = 1% (max); f = 1kHz,
40
35
mW (min)
RL = 16Ω, (two channels in phase)
PO
Output Power
THD+N = 1% (max); f = 1kHz,
50
40
mW (min)
RL = 32Ω, (two channels in phase)
PO = 20mW, f = 1kHz, RL = 16Ω
0.025
%
(two channels in phase)
THD+N
Total Harmonic Distortion + Noise
PO = 25mW, f = 1kHz, RL = 32Ω
0.014
%
(two channels in phase)
VRIPPLE = 200mVPP, Input Referred
f = 217Hz
80
73
dB (min)
Power Supply Rejection Ratio
PSRR
Full Power Mode
f = 1kHz
75
dB
f = 20kHz
60
dB
RL = 32Ω, POUT = 50mW,
SNR
Signal-to-Noise Ratio
f = 1kHz, BW = 20Hz to 22kHz,
105
dB
A-weighted
VIH
Shutdown Input Voltage High
VDD = 2.0V to 5.5V
1.2
V (min)
VIL
Shutdown Input Voltage Low
VDD = 2.0V to 5.5V
0.45
V (max)
RL = 16Ω, PO = 1.6mW,
XTALK
Crosstalk
75
dB
f = 1kHz
∈OS
Output Noise
A-weighted filter, VIN = 0V
8
μV
VSD = GND
Input Terminated
ZOUT
Output Impedance
Input not terminated
30
20
k
Ω (min)
SD_LC = SD_RC = GND
30
k
Ω
IL
Input Leakage
±0.1
nA
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensure specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not
specified.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com