Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TLEVAL Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48823TLEVAL
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823TLEVAL Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48823TLEVAL Datasheet HTML 10Page - Texas Instruments LM48823TLEVAL Datasheet HTML 11Page - Texas Instruments LM48823TLEVAL Datasheet HTML 12Page - Texas Instruments LM48823TLEVAL Datasheet HTML 13Page - Texas Instruments LM48823TLEVAL Datasheet HTML 14Page - Texas Instruments LM48823TLEVAL Datasheet HTML 15Page - Texas Instruments LM48823TLEVAL Datasheet HTML 16Page - Texas Instruments LM48823TLEVAL Datasheet HTML 17Page - Texas Instruments LM48823TLEVAL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LM48823, LM48823TLEVAL
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
www.ti.com
LM48823TL DEMOBOARD BILL OF MATERIALS
Designator
Quantity
Description
2.2µF ±10% 10V X5R Ceramic Capacitor (603) Panasonic ECJ-1VB1A225K
C1, C2
2
Murata GRM033R6OJ104KE19D
C3 – C5
3
1µF ±10% 10V Tantalum Capacitor (402) AVX TACK105M010QTA
4.7µF ±10% 6.3V X5R Ceramic Capacitor (603) Panasonic ECJ-1VB0J475K
C6
1
Murata GRM188R6OJ475KE19D
0.1µF ±10% 6.3V X5R Ceramic Capacitor (201) Panasonic ECJ-ZEB0J104K
C7, C8
2
Murata GRM188R61A225KE34D
JU1 – JU5
5
2 Pin Header
JU6, JU7
3
2 Pin Header
J1
1
5-Pin I2C Header
LM4823TL
1
LM48823TL (16-Bump DSBGA)
DEMO BOARD SCHEMATIC
Figure 23. LM48823 Demo Board Schematic
14
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com