Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TLEVAL Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48823TLEVAL
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823TLEVAL Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48823TLEVAL Datasheet HTML 7Page - Texas Instruments LM48823TLEVAL Datasheet HTML 8Page - Texas Instruments LM48823TLEVAL Datasheet HTML 9Page - Texas Instruments LM48823TLEVAL Datasheet HTML 10Page - Texas Instruments LM48823TLEVAL Datasheet HTML 11Page - Texas Instruments LM48823TLEVAL Datasheet HTML 12Page - Texas Instruments LM48823TLEVAL Datasheet HTML 13Page - Texas Instruments LM48823TLEVAL Datasheet HTML 14Page - Texas Instruments LM48823TLEVAL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VOLUME
CONTROL
OUTA
CIN
VOLUME
CONTROL
OUTB
CIN
MONO AUDIO SIGNAL
INA
INB
VOLUME
CONTROL
OUTA
CIN
VOLUME
CONTROL
OUTB
CIN
RIGHT CHANNEL AUDIO
SIGNAL
LEFT CHANNEL AUDIO
SIGNAL
INA
INB
START
MSB
DEVICE ADDRESS
LSB
ACK
SCL
SDA
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
LM48823, LM48823TLEVAL
www.ti.com
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
Figure 20. Example Write Sequence
Table 1. Device Address
B7
B6
B5
B4
B3
B2
B1
B0 R/W
Chip Address
1
1
1
0
1
1
0
0
Table 2. Mode Control Registers
Register Name
B7
B6
B5
B4
B3
B2
B1
B0
Mode Control
VOL4
VOL3
VOL2
VOL1
VOL0
0
ENABLE_A
ENABLE_B
GENERAL AMPLIFIER FUNCTION
The LM48823 is a ceramic speaker driver that utilizes TI’s inverting charge pump technology to deliver over
15VP-P to a 2.2µF ceramic speaker while operating from a single 4.2V supply. The LM48823 features a unique
input stage that converts two single-ended audio signals into a mono BTL output. This stereo to mono conversion
is useful in applications where a stereo audio source is driving a single ceramic speaker, such as a ringer on a
cellular phone. Connect INA and INB as shown in Figure 21 for the stereo-to-mono conversion. When the
LM48823 is used with a single-ended mono audio source, connect both INA and INB to the audio source as
shown in Figure 22.
Figure 21. Stereo to Mono Conversion Connection Example
Figure 22. Mono Audio Source Connection Example
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com