Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TLEVAL Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48823TLEVAL
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823TLEVAL Datasheet(HTML) 5 Page - Texas Instruments

  LM48823TLEVAL Datasheet HTML 1Page - Texas Instruments LM48823TLEVAL Datasheet HTML 2Page - Texas Instruments LM48823TLEVAL Datasheet HTML 3Page - Texas Instruments LM48823TLEVAL Datasheet HTML 4Page - Texas Instruments LM48823TLEVAL Datasheet HTML 5Page - Texas Instruments LM48823TLEVAL Datasheet HTML 6Page - Texas Instruments LM48823TLEVAL Datasheet HTML 7Page - Texas Instruments LM48823TLEVAL Datasheet HTML 8Page - Texas Instruments LM48823TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM48823, LM48823TLEVAL
www.ti.com
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
AUDIO AMPLIFIER ELECTRICAL CHARACTERISTICS VDD = 4.2V
(1) (2)
The following specifications apply for AV = 6dB, RL = 2.2μF+15Ω, C1 = C2 = 2.2μF, f = 1kHz, unless otherwise specified.
Limits apply for TA = 25°C.
LM48823
Units
Symbol
Parameter
Conditions
Typical
Limits
(Limits)
(3)
(4)
Quiescent Power Supply
VIN = 0V, RL = ∞
IDD
3.3
4.3
mA (max)
Current
ISD
Shutdown Current
Shutdown Enabled
0.01
1
µA (max)
Differential Output Offset
VOS
VIN = 0V
0.5
3
mV (max)
Voltage
VIH
Logic High Input Threshold
RESET
1.4
V (min)
VIL
RESET
0.4
V (max)
Minimum Gain Setting
–70
dB
AV
Gain
Maximum Gain Setting
24
dB
9
7
k
Ω (min)
Maximum Gain Setting
9
11
k
Ω (max)
RIN
Input Resistance
80
64
k
Ω (min)
Minimum Gain Setting
80
96
k
Ω (max)
f = 1kHz
5.4
VRMS
VO
Output Voltage
RL = 2.2μF+15Ω, THD+N = 1%
f = 5kHz
3.1
VRMS
Total Harmonic Distortion + VO = 4VRMS
THD+N
0.015
%
Noise
VRIPPLE = 200mVP-P Sine, Inputs AC
f = 217Hz
93
82
dB (min)
Power Supply Rejection
PSRR
GND, CIN = 1μF, input referred
Ratio
f = 1kHz
93
dB
POUT = 40mW, RL = 16Ω
SNR
Signal-to-Noise-Ratio
119
dB
f = 1kHz
∈OS
Output Noise
AV = 4dB, Input Referred, A-weighted Filter
5.5
μV
TWU
Wake-Up Time
200
μs
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com