Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TLEVAL Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48823TLEVAL
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823TLEVAL Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48823TLEVAL Datasheet HTML 4Page - Texas Instruments LM48823TLEVAL Datasheet HTML 5Page - Texas Instruments LM48823TLEVAL Datasheet HTML 6Page - Texas Instruments LM48823TLEVAL Datasheet HTML 7Page - Texas Instruments LM48823TLEVAL Datasheet HTML 8Page - Texas Instruments LM48823TLEVAL Datasheet HTML 9Page - Texas Instruments LM48823TLEVAL Datasheet HTML 10Page - Texas Instruments LM48823TLEVAL Datasheet HTML 11Page - Texas Instruments LM48823TLEVAL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
0
1
2
3
4
5
6
7
2
2.5
3
3.5
4
4.5
SUPPLY VOLTAGE (V)
f = 1 kHz
f = 10 kHz
0
1
2
3
4
5
6
7
2
2.5
3
3.5
4
4.5
SUPPLY VOLTAGE (V)
f = 1 kHz
f = 10 kHz
OUTPUT VOLTAGE (VRMS)
0
250
500
750
1000
1250
1500
0
1
2
3
4
5
6
f = 1 kHz
f = 10 kHz
OUTPUT VOLTAGE (VRMS)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
1
2
3
4
5
6
7
f = 10 kHz
f = 1 kHz
OUTPUT VOLTAGE (VRMS)
0
100
200
300
400
500
600
700
800
900
1000
0
1
2
3
4
5
6
f = 10 kHz
f = 1 kHz
OUTPUT VOLTAGE (VRMS)
0
100
200
300
400
500
600
700
800
900
1000
1100
0
1
2
3
4
5
f = 1 kHz
f = 10 kHz
LM48823, LM48823TLEVAL
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Consumption vs Output Voltage
Power Consumption vs Output Voltage
VDD = 3.6V, ZL = 1μF+15Ω
VDD = 3.6V, ZL = 2.2μF+15Ω
Figure 9.
Figure 10.
Power Consumption vs Output Voltage
Power Consumption vs Output Voltage
VDD = 4.2V, ZL = 1μF+15Ω
VDD = 4.2V, ZL = 2.2μF+15Ω
Figure 11.
Figure 12.
Output Voltage vs Supply Voltage
Output Voltage vs Supply Voltage
ZL = 1μF+15Ω, THD+N = 1%
ZL = 2.2μF+15Ω, THD+N = 1%
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com