Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48823TLEVAL Datasheet(PDF) 7 Page - Texas Instruments

Part # LM48823TLEVAL
Description  LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48823TLEVAL Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48823TLEVAL Datasheet HTML 3Page - Texas Instruments LM48823TLEVAL Datasheet HTML 4Page - Texas Instruments LM48823TLEVAL Datasheet HTML 5Page - Texas Instruments LM48823TLEVAL Datasheet HTML 6Page - Texas Instruments LM48823TLEVAL Datasheet HTML 7Page - Texas Instruments LM48823TLEVAL Datasheet HTML 8Page - Texas Instruments LM48823TLEVAL Datasheet HTML 9Page - Texas Instruments LM48823TLEVAL Datasheet HTML 10Page - Texas Instruments LM48823TLEVAL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
0
1
2
3
4
5
6
7
10
100
1000
10000
100000
FREQUENCY (Hz)
0
1
2
3
4
5
6
7
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
OUTPUT VOLTAGE (VRMS)
VDD = 4.2V
VDD = 3.6V
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
OUTPUT VOLTAGE (VRMS)
VDD = 4.2V
VDD = 3.6V
0.0001
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
VOUT = 2.25VRMS,
Z L = 1
+ 15
PF
VOUT = 1.75VRMS,
ZL = 2.2 PF + 15
0.0001
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
= 2.2
+ 15
VOUT = 2VRMS,
ZL = 1 PF + 15
VOUT = 2.5VRMS,
Z L = 1
+ 15
PF
LM48823, LM48823TLEVAL
www.ti.com
SNAS464E – JUNE 2008 – REVISED OCTOBER 2010
TYPICAL PERFORMANCE CHARACTERISTICS
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V
VDD = 4.2V
Figure 3.
Figure 4.
THD+N vs Output Voltage
THD+N vs Output Voltage
AV = 6dB, ZL = 1μF+15Ω, f = 1kHz
AV = 6dB, ZL = 2.2μF+15Ω, f = 1kHz
Figure 5.
Figure 6.
Output Voltage vs Frequency
Output Voltage vs Frequency
VDD = 4.2V, ZL = 1μF+15Ω,THD+N = 1%
VDD = 4.2V, ZL = 2.2μF+15Ω,THD+N = 1%
Figure 7.
Figure 8.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48823 LM48823TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com