Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48822TLEVAL
Description  LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48822TLEVAL Datasheet HTML 10Page - Texas Instruments LM48822TLEVAL Datasheet HTML 11Page - Texas Instruments LM48822TLEVAL Datasheet HTML 12Page - Texas Instruments LM48822TLEVAL Datasheet HTML 13Page - Texas Instruments LM48822TLEVAL Datasheet HTML 14Page - Texas Instruments LM48822TLEVAL Datasheet HTML 15Page - Texas Instruments LM48822TLEVAL Datasheet HTML 16Page - Texas Instruments LM48822TLEVAL Datasheet HTML 17Page - Texas Instruments LM48822TLEVAL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LM48822, LM48822TLEVAL
SNAS456C – MAY 2008 – REVISED MAY 2013
www.ti.com
SD_BIAS FUNCTION
The LM48822 BIAS is controlled through the I2C interface. Set bit B5 (SD_BIAS) of the MODE CONTROL
register to 1 to enable the LM48822 BIAS. BIAS provides the voltage for both the amplifiers and the charge
pump. When enabled, VBIAS will track VDD for VDD < 3V. Once VDD exceeds 3V, VBIAS remains fixed at 3V, limiting
the output swing of the device the 6VP-P. Set SD_BIAS = 0 to disable BIAS. Disabling BIAS allows the amplifier
and charge pump to track VDD, increasing output swing; however, a slight degradation in PSSR will occur. Limit
VDD to 4.2V or less when BIAS is disabled.
PROPER SELECTION OF EXTERNAL COMPONENTS
Power Supply Bypassing/Filtering
Proper power supply bypassing is critical for low noise performance and high PSRR. Place the supply bypass
capacitors as close to the supply pins as possible. Place a 1
μF ceramic capacitors from VDD to GND. Additional
bulk capacitance may be added as required.
Charge Pump Capacitor Selection
Use low ESR ceramic capacitors (less than 100m
Ω) for optimum performance.
Charge Pump Flying Capacitor (C1)
The flying capacitor (C1) affects the load regulation and output impedance of the charge pump. A C1 value that
is too low results in a loss of current drive, leading to a loss of amplifier headroom. A higher valued C1 improves
load regulation and lowers charge pump output impedance to an extent. Above 2.2
μF, the RDS(ON) of the charge
pump switches and the ESR of C1 and C2 dominate the output impedance. A lower value capacitor can be used
in systems with low maximum output power requirements.
Charge Pump Flying Capacitor (C2)
The value and ESR of the hold capacitor (C2) directly affects the ripple on CPVSS. Increasing the value of C2
reduces output ripple. Decreasing the ESR of C2 reduces both output ripple and charge pump output impedance.
A lower value capacitor can be used in systems with low maximum output power requirements.
Input Capacitor Selection
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM48822. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high pass filter is found using Equation 1 below.
f = 1 / 2
πRINCIN (Hz)
(1)
where:
the value of RIN is given in the Electrical Characteristics Table.
High pass filtering the audio signal helps protect the speakers. When the LM48822 is using a single-ended
source, power supply noise on the ground is seen as an input signal. Setting the high-pass filter point above the
power supply noise frequencies, 217Hz in a GSM phone, for example, filters out the noise such that it is not
amplified and heard on the output. Capacitors with a tolerance of 10% or better are recommended for impedance
matching and improved CMRR and PSRR.
SINGLE-ENDED AUDIO AMPLIFIER CONFIGURATION
The LM48822 is compatible with single-ended sources. Figure 26 shows the typical single-ended applications
circuit.
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com