Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 5 Page - Texas Instruments

Part # LM48822TLEVAL
Description  LM48822 BoomerGround-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 5 Page - Texas Instruments

  LM48822TLEVAL Datasheet HTML 1Page - Texas Instruments LM48822TLEVAL Datasheet HTML 2Page - Texas Instruments LM48822TLEVAL Datasheet HTML 3Page - Texas Instruments LM48822TLEVAL Datasheet HTML 4Page - Texas Instruments LM48822TLEVAL Datasheet HTML 5Page - Texas Instruments LM48822TLEVAL Datasheet HTML 6Page - Texas Instruments LM48822TLEVAL Datasheet HTML 7Page - Texas Instruments LM48822TLEVAL Datasheet HTML 8Page - Texas Instruments LM48822TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM48822, LM48822TLEVAL
www.ti.com
SNAS456C – MAY 2008 – REVISED MAY 2013
I
2C Interface Characteristics V
DD = 3.6V
(1) (2)
The following specifications apply for AV = 0dB, RL = 16Ω, f = 1kHz, unless otherwise specified. Limits apply to TA = 25°C.
LM48822
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)
t1
SCL Period
2.5
μs (min)
t2
SDA Setup Time
100
ns (min)
t3
SDA Stable Time
0
ns (min)
t4
Start Condition Time
100
ns (min)
t5
Stop Condition Time
100
ns (min)
VIH
Input High Voltage
1.3
V (min)
VIL
Input Low Voltage
0.4
V (max)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum
RatingsRatings or other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The
Recommended Operating Conditions indicate conditions at which the device is functional and the device should not be operated beyond
such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
Bump Descriptions
Pin
Name
Function
A1
C1N
Charge Pump Flying Capacitor Negative Terminal
A2
C1P
Charge Pump Flying Capacitor Positive Terminal
A3
CPGND
Charge Pump Ground
A4
VDD
Power Supply
B1
OUTL
Left Channel Output
B2
CPVSS
Charge Pump Output
B3
INL+
Left Channel Non-Inverting Input
B4
INL-
Left Channel Inverting Input
C1
BIAS
Bias Voltage Bypass
C2
GND
Ground
C3
INR+
Right Channel Non-Inverting Input
C4
INR-
Right Channel Inverting Input
D1
OUTR
Right Channel Output
D2
SCL
I2C Serial Clock Input
D3
SDA
I2C Serial Data Input
D4
COM
Common-Mode Sense Input
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com