Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48822TLEVAL
Description  LM48822 BoomerGround-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 3 Page - Texas Instruments

  LM48822TLEVAL Datasheet HTML 1Page - Texas Instruments LM48822TLEVAL Datasheet HTML 2Page - Texas Instruments LM48822TLEVAL Datasheet HTML 3Page - Texas Instruments LM48822TLEVAL Datasheet HTML 4Page - Texas Instruments LM48822TLEVAL Datasheet HTML 5Page - Texas Instruments LM48822TLEVAL Datasheet HTML 6Page - Texas Instruments LM48822TLEVAL Datasheet HTML 7Page - Texas Instruments LM48822TLEVAL Datasheet HTML 8Page - Texas Instruments LM48822TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
2
1
A
B
C
D
4
CPVSS
GND
SCL
C1P
OUTL
BIAS
OUTR
C1N
INL+
INR+
SDA
CPGND
INL-
INR-
COM
VDD
LM48822, LM48822TLEVAL
www.ti.com
SNAS456C – MAY 2008 – REVISED MAY 2013
Connection Diagram
Top View
Figure 2. DSBGA Package
2mm x 2mm x 0.8mm
See Package Number YZR001611A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage(1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to VDD + 0.3V
Power Dissipation(4)
Internally Limited
ESD Rating(5)
2000V
ESD Rating(6)
150V
Junction Temperature
150°C
Thermal Resistance
θJA YZR001611A
63°C/W
Soldering Information See AN-1112 “DSBGA Wafer Level Chip Scale package”
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum
RatingsRatings or other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The
Recommended Operating Conditions indicate conditions at which the device is functional and the device should not be operated beyond
such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings, whichever is
lower.
(5)
Human body model, applicable std. JESD22-A114C.
(6)
Machine model, applicable std. JESD22-A115-A.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com