Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 9 Page - Texas Instruments

Part # LM48822TLEVAL
Description  LM48822 BoomerGround-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM48822TLEVAL Datasheet HTML 5Page - Texas Instruments LM48822TLEVAL Datasheet HTML 6Page - Texas Instruments LM48822TLEVAL Datasheet HTML 7Page - Texas Instruments LM48822TLEVAL Datasheet HTML 8Page - Texas Instruments LM48822TLEVAL Datasheet HTML 9Page - Texas Instruments LM48822TLEVAL Datasheet HTML 10Page - Texas Instruments LM48822TLEVAL Datasheet HTML 11Page - Texas Instruments LM48822TLEVAL Datasheet HTML 12Page - Texas Instruments LM48822TLEVAL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SDA
SCL
S
P
START condition
STO
P condition
LM48822, LM48822TLEVAL
www.ti.com
SNAS456C – MAY 2008 – REVISED MAY 2013
APPLICATION INFORMATION
I
2C COMPATIBLE INTERFACE
The LM48822 is controlled through an I2C compatible serial interface that consists of a serial data line (SDA) and
a serial clock (SCL). The clock line is uni-directional. The data line is bi-directional (open collector). The LM48822
and the master can communicate at clock rates up to 400kHz. Figure 21 shows the I2C interface timing diagram.
Data on the SDA line must be stable during the HIGH period of SCL. The LM48822 is a transmit/receive slave-
only device, reliant upon the master to generate the SCL signal. Each transmission sequence is framed by a
START condition and a STOP condition Figure 22. Each data word, device address and data, transmitted over
the bus is 8 bits long as is always followed by an acknowledge pulse (Figure 23). The LM48822 device address
is 1100000.
I
2C BUS FORMAT
The I2C bus format is shown in Figure 23. The START signal, the transition of SDA from HIGH to LOW while
SDA is HIGH, is generated, altering all devices on the bus that a device address is being written to the bus.
The 7-bit device address is written to the bus, most significant bit (MSB) first, followed by the R/W bit. R/W = 0
indicates the master is writing to the slave device, R/W = 1 indicates the master wants to read data from the
slave device. The LM48822 is a WRITE-ONLY device and will not respond the R/W = 1. The data is latched in
on the rising edge of the clock. Each address bit must be stable while SDA is HIGH. After the last address bit is
transmitted, the master device releases SDA, during which time, an acknowledge clock pulse is generated by the
slave device. If the LM48822 receives the correct address, the device pulls the SDA line low, generating and
acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit register data word is sent. Each data bit should be stable
while SCL is HIGH. After the 8-bit register data word is sent, the LM48822 sends another ACK bit. Following the
acknowledgement of the register data word, the master issues a STOP bit, allowing SDA to go high while SDA is
high.
Figure 21. I2C Timing Diagram
Figure 22. Start and Stop Diagram
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com