Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48822TLEVAL Datasheet(PDF) 4 Page - Texas Instruments

Part # LM48822TLEVAL
Description  LM48822 BoomerGround-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822TLEVAL Datasheet(HTML) 4 Page - Texas Instruments

  LM48822TLEVAL Datasheet HTML 1Page - Texas Instruments LM48822TLEVAL Datasheet HTML 2Page - Texas Instruments LM48822TLEVAL Datasheet HTML 3Page - Texas Instruments LM48822TLEVAL Datasheet HTML 4Page - Texas Instruments LM48822TLEVAL Datasheet HTML 5Page - Texas Instruments LM48822TLEVAL Datasheet HTML 6Page - Texas Instruments LM48822TLEVAL Datasheet HTML 7Page - Texas Instruments LM48822TLEVAL Datasheet HTML 8Page - Texas Instruments LM48822TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM48822, LM48822TLEVAL
SNAS456C – MAY 2008 – REVISED MAY 2013
www.ti.com
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD)
2.4V
≤ VDD ≤ 5.5V
Electrical Characteristics VDD = 3.6V
(1) (2)
The following specifications apply for AV = 0dB, RL = 16Ω, f = 1kHz, unless otherwise specified. Limits apply to TA = 25°C.
LM48822
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)
VIN = 0V, both channels active
IDD
Quiescent Power Supply Current
RL = 16Ω
3.5
4.5
mA (max)
RL = ∞
3.5
4.5
mA (max)
ISD
Shutdown Current
Shutdown Enabled
0.06
1.2
µA (max)
VOS
Differential Output Offset Voltage
VIN = 0V, RL = 16Ω
1
5
mV (max)
TWU
Wake Up Time
200
μs
+0.5
dB (max)
Minimum Gain Setting
–59.5
–0.5
dB (min)
AV
Voltage Gain
+0.5
dB (max)
Maximum Gain Setting
3.8
–0.5
dB (min)
AV = 4dB
25
30
k
Ω (max)
RIN
Input Resistance
AV = –60dB
60
70
k
Ω (max)
RL= 16Ω, f = 1kHz, THD+N = 1%
Single channel
70
mW
Two channels in phase
35
27
mW (min)
PO
Output Power
RL= 32Ω, f = 1kHz, THD+N = 1%
Single channel
65
mW
Two channels in phase
40
mW
PO = 50mW, f = 1kHz, RL = 16Ω
0.04
%
single channel
THD+N
Total Harmonic Distortion + Noise
PO = 40mW, f = 1kHz, RL = 32Ω
0.02
%
single channel
VRIPPLE = 200mVP-P, Inputs AC GND
PSRR
Power Supply Rejection Ratio
CIN = 1μF, input referred, SD_BIAS = 0
fRIPPLE = 217Hz
110
100
dB (min)
fRIPPLE = 1kHz
100
dB
CMRR
Common Mode Rejection Ratio
VRIPPLE = 1VP-P
95
dB
RL ≥ 16Ω, POUT = 1.6mW, f = 1kHz
80
70
dB (min)
XTALK
Crosstalk
RL ≥ 10kΩ, VOUT = 1VRMS, f = 1kHz
95
85
dB (min)
SNR
Signal-to-Noise Ratio
RL = 16Ω, f = 1kHz
100
dB
AV = 4dB, Input referred
∈OS
Output Noise
7
μV
A-Weighted Filter
ROUT
Output Impedance
Charge pump-only mode enabled
40
25
k
Ω (min)
Voltage applied to amplifier outputs in
VOUT
Maximum Voltage Swing
2
VRMS (min)
charge pump-only mode
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum
RatingsRatings or other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The
Recommended Operating Conditions indicate conditions at which the device is functional and the device should not be operated beyond
such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(4)
Datasheet min/max specification limits are ensured by test or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com